Electronic Components Datasheet Search
  English  ▼

X  

AMS6915 Datasheet(PDF) 4 Page - Analog Microelectronics GmbH

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6915 Datasheet(HTML) 4 Page - Analog Microelectronics GmbH

  AMS6915 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 9Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2024, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 3.0
4/14
Parameter
Minimum
Typical
Maximum
Units
I²C-interface
Input high level
80
100
% VS
Input low level
0
20
% VS
Output low level
0
10
% VS
Load capacitance @ SDA
200
pF
Clock frequency SCL
100
400
kHz
Pull-up resistor
500
Pressure changes
10
6
Compensated temperature range
0
60
°C
Weight
1.5
g
Media compatibility
See "Specification notes"
7) 8)
Table 3: Specifications
SPECIFICATION NOTES
1)
The digital pressure output signal is not ratiometric to the supply voltage.
2)
The pressure ranges with specified minimum and maximum pressure are listed in Table 1.
3)
The Full Span Output (FSO) is the algebraic difference between the output signal at the specified maximum
pressure and the output signal at the specified minimum pressure (see Table 1).
4)
The digital temperature output signal is not ratiometric to the supply voltage. The temperature output value is the
overall sensor temperature
. It is measured at the sensor’s signal conditioning ASIC and is influenced by the
measurement media’s temperature, the ambient temperature, the sensor’s self-heating and the thermal
conductivity of the material in contact to the sensor (e.g. PCB, mounting assembly, pressure hoses).
5)
Total accuracy is defined as the maximum deviation of the measurement value from the ideal characteristic curve
at room temperature (RT) in %FSO including the adjustment error (offset and span), nonlinearity, pressure
hysteresis and repeatability. Nonlinearity is the measured deviation from the best fit straight line (BFSL) across
the entire pressure range. Pressure hysteresis is the maximum deviation of the output value at any pressure
within the specified range when the pressure is cycled to and from the minimum or maximum rated pressure.
Repeatability is the maximum deviation of the output value at any pressure within the specified range after
10 pressure cycles.
6)
The TEB (total error band or overall error) is defined as the maximum deviation of the measurement value from
the ideal characteristic curve in %FSO across the entire temperature range.
7)
Media compatibility of pressure port 1 (for a description of port 1 see Figure 5 and Figure 6): fluids and gases
non-corrosive to silicon, Pyrex, RTV silicone rubber, epoxy and LCP or nickel-plated steel for variants with metal
pressure port.
8)
Media compatibility of pressure port 2 (for a description of port 2 see Figure 5 and Figure 6): clean, dry gases,
non-corrosive to LCP, silicon, RTV silicone rubber, epoxy, gold (alkaline or acidic liquids can destroy the sensor).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com