Electronic Components Datasheet Search
  English  ▼

X  

AMS6915 Datasheet(PDF) 9 Page - Analog Microelectronics GmbH

Part # AMS6915
Description  Board Mount Pressure Sensor with Digital I2C Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6915 Datasheet(HTML) 9 Page - Analog Microelectronics GmbH

Back Button AMS6915 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 9Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 10Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 11Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 12Page - Analog Microelectronics GmbH AMS6915 Datasheet HTML 13Page - Analog Microelectronics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Board Mount Pressure Sensor
AMS 6915 SERIES
© 2024, Analog Microelectronics GmbH
www.analog-micro.com
Datasheet AMS 6915
– Rev. 3.0
9/14
DATA READOUT VIA THE I2C-INTERFACE
The digital output values for pressure (14-bit value) and temperature (11-bit value) are read from
AMS 6915
’s output register via AMS 6915’s I²C-interface. The data readout, which is illustrated in Figure 4, is
done byte by byte.
A data request from the I²C-master always initializes the data transfer via the I²C-bus. For this purpose the
I²C-master generates a start condition on the I²C-bus lines. Following the start condition the I²C-master then
sends the addressing byte containing the 7-bit slave address of the AMS 6915 (programmed to
0x28Hex = 0101000bin at the factory) and the data direction bit R = 1 which indicates a data request. The
selected pressure sensor first answers with an acknowledge bit. The selected sensor then starts the data
transfer from the output register.
For pressure and temperature value readout four data bytes are transmitted from the pressure sensor to the
I²C-master. The two bytes for the current digital pressure value are sent first, followed by the two bytes for
the current digital temperature value, always beginning with the most significant byte. On each transferred
data byte the I²C-master sends an acknowledge bit confirming the correct receipt of data. After the fourth
data byte, the receiving master generates a no acknowledge bit and the pressure sensor is set to inactive.
The I²C-master shuts down the data transfer by sending a stop condition.
The last 6 bits of the first data byte and the 8 bits of the second data byte always beginning with the most
significant bit give the 14-bit pressure value. The 8 bits of the third data byte and the first 3 bits of the fourth
data byte give the 11-bit temperature value.
For pressure value readout only it is possible to stop the data transfer after two data bytes. In this case the
I²C-master sends a no acknowledge bit after the second data byte and shuts down the data transfer by
sending a stop condition.
Figure 4: Data readout of the digital pressure and temperature values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com