Electronic Components Datasheet Search
  English  ▼

X  

KUP Datasheet(PDF) 1 Page - Tyco Electronics

Part # KUP
Description  AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KUP Datasheet(HTML) 1 Page - Tyco Electronics

  KUP Datasheet HTML 1Page - Tyco Electronics KUP Datasheet HTML 2Page - Tyco Electronics KUP Datasheet HTML 3Page - Tyco Electronics KUP Datasheet HTML 4Page - Tyco Electronics KUP Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Purpose Relays
Industrial Relays
Potter & Brumfield
09-2010, Rev. 0910
www.te.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
KUP Series Panel Plug-in Relay
AgCdO, 4 pole (continued)
1/3HP, 120VAC
1/2HP, 250VAC
Total load not to exceed 30 A, 28 VDC, 120 VAC and 20 A, 250 VAC
AgSnOInO
10A, 277VAC, pf = 0.8
100x103
Mechanical endurance
10x106 ops.
Coil Data
Coil voltage range
5 to 110VDC
6 to 240VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
1, 2 and 3 pole
5
5
3.75
21
1.2
6
6
4.5
32.1
1.125
12
12
9.0
120
1.2
24
24
18.0
472
1.25
48
48
36.0
1800
1.3
110
110
82.5
10000
1.25
4 pole
5
5
3.75
14
1.8
6
6
4.5
20
1.8
12
12
9.0
80
1.8
24
24
18.0
320
1.8
48
48
36.0
1250
1.85
110
110
82.5
6720
1.8
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
1 and 2 pole
6
6
5.1
6
2.0
12
12
10.2
24
2.0
24
24
20.4
85
2.0
120
120
102.0
2250
2.1
240
240
204.0
9110
2.1
3 and 4 pole
6
6
5.1
4.2
2.8
12
12
10.2
18
2.8
24
24
20.4
72
2.8
120
120
102.0
1700
2.9
240
240
204.0
7200
2.9
All figures are given for coil without preenergization, at ambient temperature +23°C.
n
AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
n
Contact arrangements of 1 form X, 1-3 form A and 1-4 form C
n
Wide selection of termination and mounting styles
n
PC terminals available
n
Push-to-test button and indicator lamp options
n
Sockets available for panel, DIN rail or PCB mounting
n
Class B coil insulation
Typical applications
Vending, commercial sewing, tool/die equipment, robotics, timers, welding,
HVAC, medical, power generators
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request
Contact Data
Contact arrangement
1 Form X (NO-DM); 1-3 Form A (NO); 1-4 Form C (CO)
Rated voltage
240VAC
Rated current
10A
Contact material
Ag
AgCdO
AgSnOInO
Frequency of operation
360 ops./hr 360 ops./hr 360 ops./hr
Operate/releases time max.
15/10ms
Bounce time max.
17ms
Contact ratings
Type
Load
Cycles
UL 508
Ag, 1, 2 and 3 pole
5A, 240VAC
5A, 28VDC
1/6HP, 120VAC
2.5A, 120VAC, tungsten
1/3HP, 240VAC
0.5A, 120VDC
5FLA, 15LRA, 250VAC
Ag, 4 pole
5A, 240VAC
2.5A, 120VAC, tungsten
0.5A, 120VDC
1/6HP, 120VAC
1/3HP, 240VAC
AgCdO, 1, 2 and 3 pole
10A, 240VAC
10A, 32VDC
5FLA, 15LRA, 250VAC
1/3HP, 120VAC
5A, 120VAC, tungsten
1/2HP, 250VAC
0.5A, 125VDC
10FLA, 40LRA, 125VAC
3A, 600VAC
1/2HP, 480VAC
1/2HP, 600VAC
1HP, 480 VAC, 3 phase
AgCdO, 4 pole
10A, 240VAC
5A, 120VAC, tungsten
0.5A, 120VDC
10A, 28VDC, resistive
10FLA, 30LRA, 125VAC
5FLA, 15LRA, 250 VAC
30x103
125VA, 250 VAC


Similar Part No. - KUP

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
Wide selection of termination and mounting styles
logo
SICK AG
KUP-0610-B SICK-KUP-0610-B Datasheet
438Kb / 3P
Bellows coupling, shaft diameter 6 mm / 10 mm, maximum shaft offset: radial ± 0.25 mm, axial ± 0.4 mm, angular /- 4°; max
2022-07-30
KUP-1010-B SICK-KUP-1010-B Datasheet
438Kb / 3P
Bellows coupling, shaft diameter 10 mm/10 mm; maximum shaft offset: radial /- 0.25 mm, axial /- 0.4 mm, angular /- 4°; max.
2022-07-30
logo
Tyco Electronics
KUP-11A11-120 MACOM-KUP-11A11-120 Datasheet
1Mb / 5P
KUP Series Panel Plug-in Relay
KUP-11A15-12 MACOM-KUP-11A15-12 Datasheet
1Mb / 5P
KUP Series Panel Plug-in Relay
More results

Similar Description - KUP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
50/60 Hz Power Transformers
logo
Powerbox
PBSP-110I POWERBOX-PBSP-110I Datasheet
224Kb / 1P
110VDC, 2500 WATTS RAILWAY DC/AC INVERTER
logo
Coilcraft lnc.
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
50/60 Hz Current Sensor
logo
TE Connectivity Ltd
KUL-0811 TEC-KUL-0811 Datasheet
599Kb / 3P
Single or dual wound DC coils or single wound AC coils
KUL TEC-KUL Datasheet
599Kb / 3P
Single or dual wound DC coils or single wound AC coils
MDR TEC-MDR Datasheet
352Kb / 2P
AC and DC coils, latching and non-latching
logo
Sumida Corporation
NFC1520 SUMIDA-NFC1520 Datasheet
296Kb / 1P
AC Common Mode Choke Coils
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
50/60 HZ TRANSFORMERS
RL-2250 RENCO-RL-2250 Datasheet
1Mb / 3P
50/60 HZ TRANSFORMERS ALL/TRAN?
logo
Schneider Electric
XCSL562B1 SCHNEIDER-XCSL562B1 Datasheet
81Kb / 2P
switch XCSL - AC/DC - 50/60 Hz - key operated turret head
Aug 11, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com