Electronic Components Datasheet Search
  English  ▼

X  

KUP Datasheet(PDF) 3 Page - Tyco Electronics

Part # KUP
Description  AC coils: 5-240VAC, 50/60 Hz.; DC coils 6-110VDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KUP Datasheet(HTML) 3 Page - Tyco Electronics

  KUP Datasheet HTML 1Page - Tyco Electronics KUP Datasheet HTML 2Page - Tyco Electronics KUP Datasheet HTML 3Page - Tyco Electronics KUP Datasheet HTML 4Page - Tyco Electronics KUP Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
General Purpose Relays
Industrial Relays
Potter & Brumfield
09-2010, Rev. 0910
www.te.com
© 2010 Tyco Electronics Ltd.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
KUP Series Panel Plug-in Relay (Continued)
Terminal dimensions
4.75mm (.187) quick connect
5.21mm (.205) quick connect
1.19mm (.047) printed circuit
6.35mm (.250) quick connect
.205± .002
(5.21± .05)
.156
(3.96)
.093
(2.36)
.285
(7.24)
.316 REF.
(8.03)
.032
(.81)
THICKNESS
HEADER
.035
(.89)
.156
(3.96)
.032
(.81)
THICKNESS
.093
(2.36)
HEADER
.237
(6.02)
.268 REF.
(6.81)
.047
(1.19)
.180
(4.57)
.156
(3.96)
X Is For Terminal Dimensions.
See Teminal Drawings.
KUP top flange case
KUP core / stud mount case
.125
(3.18)
.078
(1.98)
.187±.002
(4.75±.05)
.250
(6.35)
281 REF.
(7.14)
THICKNESS
.020
(.51)
HEADER
.125 DIA.
(3.18)
.035
(.89)
.250 ± .0 03
(6.35 ± .08)
HEADER
.305
(7.75)
.312
(7.92)
.106
(2.69)
.358 REF.
(9.09)
THICKNESS
.032
(0.81)
KUP plain case
X
X
X
X
.187 (4.75) DIA.
PUSH-TO-TEST BUTT ON
AVAILABLE
.288
(7.32)
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
.219 MAX.
(5.56)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
1.406 MAX.
(35.71)
1.39 MAX.*
(35.3)
1.29 MAX.**
(32.8)
1.25 MAX.***
(31.8)
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
X
1.43 MAX.
(36.27)
.437 .010
(11.10 .25)
.130
(3.30)
1.74 MAX.
(44.2)
.312
(7.92)
STUD with
#6-32THREAD
or CORE TAPPED
#6-32
.085 MAX.
(2.16)
#6-32 THREAD
1.968 MAX. †
(49.99)
1.906 MAX. ‡
(48.41)
.38
(9.7)
.16
(4.1)
1
2
3
4
5
6
7
8
9
A
B
1.518 MAX.
(38.56)
1.373 ± .010
(34.87 ± .25)
1.713 ± .0 03
(43.51 ± .08)
1.989 ± .0 03
(50.52)
.178TYP.
(4.52)
2.248 MAX.
(57.10)
.078 TYP.
(1.98)
KUP bracket mount case
1.968 MAX.†
(49.99)
1.906 MAX.‡
(48.41)
.75
(19.1)
2.90 MAX.
(73.7)
.078 R.TYP.
(1.98)
X
1.531 MAX.
(38.89)
.312
TYP.
(7.92)
.375
(9.53)
.437
(11.10)
X
2.500
(63.50)
X
.625TYP.
(15.88)
.06
(1.52)
PUSH-TO-TEST BUTTON
AVAILABLE
.07
(1.8)
KUP stud on end case
† Dimensions with .250” (6.35mm) terminals.
‡ Dimensions with .187” (4.75mm and .205” 5.21mm) terminals.
*Dimensions with .250” (6.35mm) terminals.
** Dimensions with .110” (2.79mm) or .205”(5.21mm) terminals.
*** Dimensions with .187” (4.75mm) terminals.
Terminal assignment
1 Form X
1 Form C
2 Form C
3 Form C
4 Form C
1 Form A (delete 2)
2 Form A (delete 1 & 3)
3 Form A (delete 1, 2 & 3)
4
6
A
B
A
B
7
5
2
7
4
A
B
1
9
6
3
A
B
7
4
1
9
6
3
8
5
2
A
B
9
1
5
10
2
6
11
7
3
4
8
12
Dimensions (continued)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com