Electronic Components Datasheet Search
  English  ▼

X  

PMLL4153 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMLL4153
Description  High-speed diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL4153 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMLL4153 Datasheet HTML 1Page - NXP Semiconductors PMLL4153 Datasheet HTML 2Page - NXP Semiconductors PMLL4153 Datasheet HTML 3Page - NXP Semiconductors PMLL4153 Datasheet HTML 4Page - NXP Semiconductors PMLL4153 Datasheet HTML 5Page - NXP Semiconductors PMLL4153 Datasheet HTML 6Page - NXP Semiconductors PMLL4153 Datasheet HTML 7Page - NXP Semiconductors PMLL4153 Datasheet HTML 8Page - NXP Semiconductors PMLL4153 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1996 Sep 18
4
Philips Semiconductors
Product specification
High-speed diodes
PMLL4150; PMLL4151; PMLL4153
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
PMLL4150
IF = 1 mA
540
620
mV
IF = 10 mA
660
740
mV
IF = 50 mA
760
860
mV
IF = 100 mA
820
920
mV
IF = 200 mA
870
1000
mV
PMLL4151
IF =50mA
−
1000
mV
PMLL4153
IF = 0.1 mA
490
550
mV
IF = 0.25 mA
530
590
mV
IF = 1 mA
590
670
mV
IF = 2 mA
620
700
mV
IF = 10 mA
700
810
mV
IF = 50 mA
740
880
mV
IR
reverse current
VR = 50 V; see Fig.5
PMLL4150
−
0.1
µA
PMLL4151
−
0.05
µA
PMLL4153
−
0.05
µA
IR
reverse current
VR = 50 V; Tj = 150 °C; see Fig.5
PMLL4150
−
100
µA
PMLL4151
−
50
µA
PMLL4153
−
50
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
PMLL4150
−
2.5
pF
PMLL4151
−
2pF
PMLL4153
2pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com