Electronic Components Datasheet Search
  English  ▼

X  

PMLL4153 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMLL4153
Description  High-speed diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMLL4153 Datasheet(HTML) 2 Page - NXP Semiconductors

  PMLL4153 Datasheet HTML 1Page - NXP Semiconductors PMLL4153 Datasheet HTML 2Page - NXP Semiconductors PMLL4153 Datasheet HTML 3Page - NXP Semiconductors PMLL4153 Datasheet HTML 4Page - NXP Semiconductors PMLL4153 Datasheet HTML 5Page - NXP Semiconductors PMLL4153 Datasheet HTML 6Page - NXP Semiconductors PMLL4153 Datasheet HTML 7Page - NXP Semiconductors PMLL4153 Datasheet HTML 8Page - NXP Semiconductors PMLL4153 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1996 Sep 18
2
Philips Semiconductors
Product specification
High-speed diodes
PMLL4150; PMLL4151; PMLL4153
FEATURES
• Small hermetically sealed glass
SMD package
• High switching speed: max. 4 ns
• General application
• Continuous reverse voltage:
max. 50 V
• Repetitive peak reverse voltage:
max. 75 V
• Repetitive peak forward current:
max. 600 mA and 450 mA
respectively.
APPLICATIONS
• High-speed switching
• The PMLL4150 is primarily
intended for general purpose use in
computer and industrial
applications.
• The PMLL4151 and PMLL4153 are
intended for military and industrial
applications.
DESCRIPTION
The PMLL4150, PMLL4151, PMLL4153 are high-speed switching diodes
fabricated in planar technology, and encapsulated in small hermetically sealed
glass SOD80C SMD packages.
Fig.1 Simplified outline (SOD80C) and symbol.
Cathode indicated by black band.
handbook, 4 columns
MAM061
ka



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com