Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 160 page
background image
Register Descriptions
56F8335 Technical Data, Rev. 5
Freescale Semiconductor
109
Preliminary
•
01110 = Reserved for factory test—SYS_CLK_DIV2
•
01111 = Reserved for factory test—SYS_CLK_D
•
10000 = ADCA clock
•
10001 = ADCB clock
6.5.8
GPIO Peripheral Select Register (SIM_GPS)
The GPIO Peripheral Select Register can be used to multiplex out any one of the three alternate peripherals
for GPIOC. The default peripheral is Quad Decoder 1 and Quad Timer B (NOT available in the 56F8135
device); these peripherals work together.
The four I/O pins associated with GPIOC can function as GPIO, Quad Decoder 1/Quad Timer B, or as
SPI 1 signals. GPIO is not the default and is enabled/disabled via the GPIOC_PER, as shown in
Figure 6-10 and Table 6-2. When GPIOC[3:0] are programmed to operate as peripheral I/O, then the
choice between decoder/timer and SPI inputs/outputs is made in the SIM_GPS and in conjunction with the
Quad Timer Status and Control Registers (SCR). The default state is for the peripheral function of
GPIOC[3:0] to be programmed as decoder functions. This can be changed by altering the appropriate
controls in the indicated registers.
Figure 6-10 Overall Control of Pads Using SIM_GPS Control
Table 6-2 Control of Pads Using SIM_GPS Control 1
Pin Function
Control Registers
Comments
GPIO Input
0
0
—
—
GPIO Output
0
1
—
—
GPIOC_PER Register
GPIO Controlled
I/O Pad Control
SIM_ GPS Register
Quad Timer Controlled
SPI Controlled
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com