Electronic Components Datasheet Search
  English  ▼

X  

56F8335 Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # 56F8335
Description  16-bit Digital Signal Controller
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8335 Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button 56F8335 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 108Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 109Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 110Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 111Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 112Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 113Page - Freescale Semiconductor, Inc 56F8335 Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 160 page
background image
56F8335 Technical Data, Rev. 5
110
Freescale Semiconductor
Preliminary
Figure 6-11 GPIO Peripheral Select Register (SIM_GPS)
6.5.8.1
Reserved—Bits 15–4
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
6.5.8.2
GPIOC3 (C3)—Bit 3
This bit selects the alternate function for GPIOC3.
•
0 = HOME1/TB3 (default - see “Switch Matrix Mode” bits of the Quad Decoder DECCR register in the
56F8300 Peripheral User’s Manual)
•
1 = SS1
6.5.8.3
GPIOC2 (C2)—Bit 2
This bit selects the alternate function for GPIOC2.
•
0 = INDEX1/TB2 (default)
•1 = MISO1
6.5.8.4
GPIOC1 (C1)—Bit 1
This bit selects the alternate function for GPIOC1.
Quad Timer Input /
Quad Decoder
Input 2
1
—
0
0
See the “Switch Matrix for Inputs to the Timer”
table in the 56F8300 Peripheral User Manual
for the definition of timer inputs based on the
Quad Decoder mode configuration.
Quad Timer
Output / Quad
Decoder Input 3
1—
0
1
SPI input
1
—
1
—
See SPI controls for determining the direction
of each of the SPI pins.
SPI output
1
—
1
—
1. This applies to the four pins that serve as Quad Decoder / Quad Timer / SPI / GPIOC functions. A separate set of control
bits is used for each pin.
2. Reset configuration
3. Quad Decoder pins are always inputs and function in conjunction with the Quad Timer pins.
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
C3
C2
C1
C0
Write
RESET
00
00
00
00
0
0
0
0
0
0
0
0
Table 6-2 Control of Pads Using SIM_GPS Control 1
Pin Function
Control Registers
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com