Electronic Components Datasheet Search
  English  ▼

X  

VTSA-FB-AP Datasheet(PDF) 2 Page - Festo Corporation.

Part # VTSA-FB-AP
Description  Valve manifold
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VTSA-FB-AP Datasheet(HTML) 2 Page - Festo Corporation.

  VTSA-FB-AP Datasheet HTML 1Page - Festo Corporation. VTSA-FB-AP Datasheet HTML 2Page - Festo Corporation. VTSA-FB-AP Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Operating pressure for valve manifold with internal pilot air supply
43.5 psi ... 145 psi
LABS (PWIS) conformity
VDMA24364-B1/B2-L
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
KC characters
KC EMC
Certification
RCM compliance mark
Note on materials
RoHS-compliant
Halogen-free
Free of phosphoric acid ester
Valve manifold design
Modular, pneumatic valve sizes can be mixed
Max. no. of valve positions
32
Max. no. of pressure zones
32
Actuation type
Electrical
Valve function
2x2/2 closed, monostable
2x3/2, closed, monostable
2x3/2, open, monostable
2x3/2, open/closed, monostable
5/2, bistable
5/2, bistable, dominant
5/2, monostable
5/2, monostable, safety function
5/3, pressurized
5/3, exhausted
5/3, closed
5/3, connection 4 pressurized, 2 exhausted
Structural design
Piston gate valve
Valve size
52 mm
Pilot air supply port
External
Internal
Max. standard nominal flow rate
700 l/min at 18 mm
1350 l/min at 26 mm
1860 l/min at 42 mm
2900 l/min at 52 mm
4000 l/min at 65 mm
Suitability for vacuum
yes
Exhaust air function
Via throttle plate
Pneumatic working port
G1/8
G1/4
G3/8
G1/2
1/8 NPT
1/4 NPT
3/8 NPT
1/2 NPT
QS-6
QS-8
QS-10
QS-12
QS-14
QS-16
QS-5/16
QS-3/8
QS-1/2
Signal status display
LED
Note on fieldbus interface
All information relevant to CPX-AP can be read out via the Ethernet
interfaces/fieldbus connections and changed depending on the
function.
Auto MDI, the bus module performs a crossover check
Firmware update via Ethernet interface/fieldbus interface
I&M functionality according to PNO is supported.
Based on the Ethernet protocol IEEE 802.3
Fieldbus interface, type
Ethernet
6/11/24 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com