Electronic Components Datasheet Search
  English  ▼

X  

VTSA-FB-AP Datasheet(PDF) 3 Page - Festo Corporation.

Part # VTSA-FB-AP
Description  Valve manifold
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VTSA-FB-AP Datasheet(HTML) 3 Page - Festo Corporation.

  VTSA-FB-AP Datasheet HTML 1Page - Festo Corporation. VTSA-FB-AP Datasheet HTML 2Page - Festo Corporation. VTSA-FB-AP Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
Fieldbus interface, protocol
ACD (Address Conflict Detection)
DLR (Device Level Ring)
EtherCAT
EtherCAT CoE
EtherCAT Distributed Clocks (DC)
EtherCAT EoE
EtherCAT FoE
EtherCAT Modular Device Profile (MDP)
EtherNet/IP
EtherNet/IP QoS
EtherNet/IP Quickconnect
LLDP
MRP, MRPD (ring redundancy)
Modbus/TCP (Modbus/UDP)
PROFINET FSU
PROFINET I&M0 .. 3
PROFINET IRT
PROFINET RT
PROFINET Shared device
S2 system redundancy
SNMP
Fieldbus interface, function
Bus connection, incoming/forwarding
Fieldbus interface, connection type
2x socket
Fieldbus interface, connection technology
M12x1, D-coded as per EN 61076-2-101
RJ45 as per IEC 61076-3-117 (V14)
SCRJ as per IEC 61754-24-21
Fieldbus interface, number of poles/wires
2 ... 8
Fieldbus interface, galvanic isolation
yes
Fieldbus interface, transmission rate
100 Mbit/s
Max. address capacity inputs
1024 byte
Information on inputs
EP: 488 bytes
Modbus: 4096 bytes
Max. address capacity outputs
1024 byte
Note on outputs
EP: 496 bytes
Modbus: 4096 bytes
Internal cycle time
< 1 ms
Configuration support
EDS file
ESI file
GSDML file
IODD file
Power supply, function
Incoming electronics/sensors and load and functional earth
Power supply, type of connection
Plug
Power supply, connection technology
7/8“ as per NFPA/T3.5.29
M12x1, L-coded as per EN 61076-2-111
M18x1
Push-pull as per IEC 61076-3-126
Power supply, number of pins/wires
4 ... 5
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Nominal operating voltage DC
24 V
Note on nominal operating voltage DC
Protected Extra-Low-Voltage as per IEC 60204-1
Permissible voltage fluctuations
+/- 10 %
Nominal operating voltage DC for electronics/sensors
24 V
Permissible voltage fluctuations for electronics/sensors
± 25 %
Max. power supply
8 A ... 16 A
Typ. intrinsic current consumption at nominal operating voltage for
electronics/sensors
40 mA ... 10000 mA
Typ. intrinsic current consumption at nominal operating voltage load
3 mA ... 10000 mA
Power failure buffering
10 ms
Potential separation between the supply voltages electronics/sensor
technology and load/valves
yes
Reverse polarity protection
yes
6/11/24 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com