Electronic Components Datasheet Search
  English  ▼

X  

FDN361 Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN361
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN361 Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN361 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
0
1
2
3
4
5
00.5
11.5
2
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 10V
3.5V
6.0V
4.5V
3.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
01
234
5
ID, DRAIN CURRENT (A)
VGS = 3.5V
10V
4.0V
6.0V
5.0V
4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 1.4A
VGS = 10V
0.075
0.1
0.125
0.15
0.175
0.2
0.225
0.25
3456789
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 0.7A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
1
2
3
4
5
22.5
33.5
4
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
00.2
0.4
0.6
0.811.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
FDN361
Rev:2023A2
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com