Electronic Components Datasheet Search
  English  ▼

X  

FDN361 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN361
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN361 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN361 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
These devices are particularly suited for low voltage
applications in notebook computers, portable phones,
PCMCIA cards, and other battery powered circuits
where fast switching, and low in-line power loss are
needed in a very small outline surface mount package.
D
S
G
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
r 20
V
ID
Drain Current
– Continuous
(Note 1a)
1.4
A
– Pulsed
10
Power Dissipation for Single Operation
(Note 1a)
0.5
PD
(Note 1b)
0.46
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
qC
Thermal Characteristics
RTJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
250
qC/W
RTJC
Thermal Resistance, Junction-to-Case
(Note 1)
75
FDN361
SOT–23
1. GATE
2. SOURCE
3. DRAIN
Rev:2023A2
1
Features
VDS (V) = 30V
RDS(ON)
110m
(VGS = 10V)
RDS(ON)
160m
(VGS = 4.5V)


Similar Part No. - FDN361

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN361 FAIRCHILD-FDN361 Datasheet
946Kb / 8P
N-Channel, Logic Level, PowerTrench課?
logo
Guangdong Youtai Semico...
FDN361 UMW-FDN361 Datasheet
443Kb / 5P
These devices are particularly suited for low voltage applications in notebook computers,
logo
Fairchild Semiconductor
FDN361AN FAIRCHILD-FDN361AN Datasheet
946Kb / 8P
N-Channel, Logic Level, PowerTrench課?
logo
TECH PUBLIC Electronics...
FDN361AN-TP TECHPUBLIC-FDN361AN-TP Datasheet
914Kb / 3P
N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDN361BN FAIRCHILD-FDN361BN Datasheet
103Kb / 5P
30V N-Channel, Logic Level, PowerTrench MOSFET
More results

Similar Description - FDN361

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com