Electronic Components Datasheet Search
  English  ▼

X  

IRLML0040 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML0040
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML0040 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML0040 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML0040 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML0040 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML0040 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML0040 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML0040 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML0040 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APPLICATIONS
DC/DC Converter
G
S
D
2
3
1
Notes:
a. Package limited
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 130 °C/W.
ABSOLUTE MAXIMUM RATINGS
TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6.5a
A
TC = 70 °C
6.0
TA = 25 °C
5.3
TA = 70 °C
5.0
Pulsed Drain Current
IDM
25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.4
TA = 25 °C
0.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.7
W
TC = 70 °C
1.1
TA = 25 °C
1.1b, c
TA = 70 °C
0.7b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
90
115
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
60
75
IRLML0040
8
Rev:2023A2
1
VDS (V) = 30V
RDS(ON)
30m
(VGS = 10V)
RDS(ON)
33m (VGS = 4.5V)
FEATURES
SOT–23
1. GATE
2. SOURCE
3. DRAIN


Similar Part No. - IRLML0040

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLML0040 UMW-IRLML0040 Datasheet
414Kb / 7P
DC/DC Converter
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF Datasheet
197Kb / 10P
HEXFETPower MOSFET Load/ System Switch
IRLML0040PBF IRF-IRLML0040PBF Datasheet
197Kb / 10P
Industry-standard pinout
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
Industry-standard pinout
logo
Guangdong Youtai Semico...
IRLML0040TR UMW-IRLML0040TR Datasheet
414Kb / 7P
DC/DC Converter
More results

Similar Description - IRLML0040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com