Electronic Components Datasheet Search
  English  ▼

X  

56F8157 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F8157
Description  16-bit Digital Signal Controllers
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8157 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F8157 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8157 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8157 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8157 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8157 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8157 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8157 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8157 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8157 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 177 page
background image
Introduction
56F8357 Technical Data, Rev. 15
Freescale Semiconductor
39
Preliminary
Part 3 On-Chip Clock Synthesis (OCCS)
3.1 Introduction
Refer to the OCCS chapter of the 56F8300 Peripheral User Manual for a full description of the OCCS.
The material contained here identifies the specific features of the OCCS design. Figure 3-1 shows the
specific OCCS block diagram to reference from the OCCS chapter of the 56F8300 Peripheral User
Manual.
Figure 3-1 OCCS Block Diagram
3.2 External Clock Operation
The system clock can be derived from an external crystal, ceramic resonator, or an external system clock
signal. To generate a reference frequency using the internal oscillator, a reference crystal or ceramic
resonator must be connected between the EXTAL and XTAL pins.
3.2.1
Crystal Oscillator
The internal oscillator is also designed to interface with a parallel-resonant crystal resonator in the
frequency range specified for the external crystal in Table 10-13. A recommended crystal oscillator circuit
is shown in Figure 3-2. Follow the crystal supplier’s recommendations when selecting a crystal, since
EXTAL
XTAL
LCK
Prescaler CLK
Postscaler CLK
FOUT/2
Crystal
OSC
Loss of
Reference
Clock
Detector
Lock
Detector
ZSRC
Bus Interface & Control
FOUT
PLLDB
PLLCOD
PLLCID
Bus
Interface
Loss of Reference
Clock Interrupt
SYS_CLK2
Source to SIM
CLKMODE
÷2
Prescaler
÷ (1,2,4,8)
Postscaler
÷ (1,2,4,8)
PLL
x (1 to 128)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com