| Electronic Components Datasheet Search |
|
56F8157 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8157 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 177 page ![]() Peripheral Memory Mapped Registers 56F8357 Technical Data, Rev. 15 Freescale Semiconductor 49 Preliminary 4.7 Peripheral Memory Mapped Registers On-chip peripheral registers are part of the data memory map on the 56800E series. These locations may be accessed with the same addressing modes used for ordinary Data memory, except all peripheral registers should be read/written using word accesses only. Table 4-9 summarizes base addresses for the set of peripherals on the 56F8357 and 56F8157 devices. Peripherals are listed in order of the base address. The following tables list all of the peripheral registers required to control or access the peripherals. Note: Features in italics are NOT available on the 56F8157 device. X:$FF FFFD OTXRXSR (8 bits) Transmit and Receive Status and Control Register X:$FF FFFE OTX / ORX (32 bits) Transmit Register / Receive Register X:$FF FFFF OTX1 / ORX1 Transmit Register Upper Word Receive Register Upper Word Table 4-9 Data Memory Peripheral Base Address Map Summary Peripheral Prefix Base Address Table Number External Memory Interface EMI X:$00 F020 4-10 Timer A TMRA X:$00 F040 4-11 Timer B TMRB X:$00 F080 4-12 Timer C TMRC X:$00 F0C0 4-13 Timer D TMRD X:$00 F100 4-14 PWM A PWMA X:$00 F140 4-15 PWM B PWMB X:$00 F160 4-16 Quadrature Decoder 0 DEC0 X:$00 F180 4-17 Quadrature Decoder 1 DEC1 X:$00 F190 4-18 ITCN ITCN X:$00 F1A0 4-19 ADC A ADCA X:$00 F200 4-20 ADC B ADCB X:$00 F240 4-21 Temperature Sensor TSENSOR X:$00 F270 4-22 SCI #0 SCI0 X:$00 F280 4-23 SCI #1 SCI1 X:$00 F290 4-24 Table 4-8 EOnCE Memory Map (Continued) Address Register Acronym Register Name |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |