Electronic Components Datasheet Search
  English  ▼

X  

PR31500 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PR31500
Description  Poseidon embedded processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31500 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PR31500 Datasheet HTML 4Page - NXP Semiconductors PR31500 Datasheet HTML 5Page - NXP Semiconductors PR31500 Datasheet HTML 6Page - NXP Semiconductors PR31500 Datasheet HTML 7Page - NXP Semiconductors PR31500 Datasheet HTML 8Page - NXP Semiconductors PR31500 Datasheet HTML 9Page - NXP Semiconductors PR31500 Datasheet HTML 10Page - NXP Semiconductors PR31500 Datasheet HTML 11Page - NXP Semiconductors PR31500 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31500
Poseidon embedded processor
1996 Sep 24
8
PIN DESCRIPTIONS
Overview
The PR31500 processor contains 208 pins consisting of input, output, bi-directional, and power and ground pins. These pins are used to
support various functions. The following sections will describe the function of each pin including any special power-down considerations for
each pin.
Pins
The PR31500 PROCESSOR contains 208 total pins, consisting of 136 signal pins, 4 spare pins, 34 power pins, and 34 ground pins. Of the 136
signal pins, 32 of them are multi-function and can be independently programmed either as IO ports or for an alternate standard/normal function.
As an IO port, any of these pins can be programmed as an input or output port, with the capability of generating a separate positive and
negative edge interrupt. See Section 2.3 for a summary of the multi-function IO ports versus their standard functions.
PIN #
NAME
TYPE
NAME AND FUNCTION
Memory Pins
D(31:0)
I/O
These pins are the data bus for the system. 8-bit SDRAMs should be connected to bits 7:0 and
16-bit SDRAMs and DRAMs should be connected to bits 15:0. All other 16-bit ports should be
connected to bits 31:16. Of course, 32-bit ports should be connected to bits 31:0. These pins are
normally outputs and only become inputs during reads, thus no resistors are required since the
bus will only float for a short period of time during bus turn-around.
A(12:0)
O
These pins are the address bus for the system. The address lines are multiplexed and can be
connected directly to SDRAM and DRAM devices. To generate the full 26-bit address for static
devices, an external latch must be used to latch the signals using the ALE signal. For static
devices, address bits 25:13 are provided by the external latch and address bits 12:0 (directly
connected from PR31500’s address bus) are held afterward by PR31500 processor for the
remainder of the address bus cycle.
168
ALE
O
This pin is used as the address latch enable to latch A(12:0) using an external latch, for generating
the upper address bits 25:13.
163
/RD
O
This pin is used as the read signal for static devices. This signal is asserted for reads from
/MCS3-0, /CS3-0, /CARD2CS and /CARD1CS for memory and attribute space, and for reads from
PR31500 processor accesses if SHOWPR31500 is enabled (for debugging purposes).
169
/WE
O
This pin is used as the write signal for the system. This signal is asserted for writes to /MCS3-0,
/CS3-0, /CARD2CS and /CARD1CS for memory and attribute space, and for writes to DRAM and
SDRAM.
199
/CAS0 (/WE0)
O
This pin is used as the CAS signal for SDRAMs, the CAS signal for D(7:0) for DRAMs, and the
write enable signal for D(7:0) for static devices.
198
/CAS1 (/WE1)
O
This pin is used as the CAS signal for D(15:8) for DRAMs and the write enable signal for D(15:8)
for static devices.
197
/CAS2 (/WE2)
O
This pin is used as the CAS signal for D(23:16) for DRAMs and the write enable signal for
D(23:16) for static devices.
195
/CAS3 (/WE3)
O
This pin is used as the CAS signal for D(31:24) for DRAMs and the write enable signal for
D(31:24) for static devices.
194
/RAS0
O
This pin is used as the RAS signal for SDRAMs and the RAS signal for Bank0 DRAMs.
193
/RAS1 (/DCS1)
O
This pin is used as the chip select signal for Bank1 SDRAMs and the RAS signal for Bank1
DRAMs.
192
/DCS0
O
This pin is used as the chip select signal for Bank0 SDRAMs.
202
DCKE
O
This pin is used as the clock enable for SDRAMs.
204
DCLKIN
I
This pin must be tied externally to the DCLKOUT signal and is used to match skew for the data
input when reading from SDRAM and DRAM devices.
205
DCLKOUT
O
This pin is the (nominal) 73.728 MHz clock for the SDRAMs.
207
DQMH
O
This pin is the upper data mask for a 16-bit SDRAM configuration.
208
DQML
O
This pin is the lower data mask for a 16-bit SDRAM or 8-bit SDRAM configuration.
124–126,
162
/CS3–0
O
These pins are the Chip Select 3 through 0 signals. They can be configured to support either 32-bit
or 16-bit ports.
120–123
/MCS3–0
O
These pins are the MagicCard Chip Select 3 through 0 signals. They only support 16-bit ports.
106, 107
/CARD2CSH,L
O
These pins are the Chip Select signals for PCMCIA card slot 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com