Electronic Components Datasheet Search
  English  ▼

X  

PR31500 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PR31500
Description  Poseidon embedded processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31500 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PR31500 Datasheet HTML 9Page - NXP Semiconductors PR31500 Datasheet HTML 10Page - NXP Semiconductors PR31500 Datasheet HTML 11Page - NXP Semiconductors PR31500 Datasheet HTML 12Page - NXP Semiconductors PR31500 Datasheet HTML 13Page - NXP Semiconductors PR31500 Datasheet HTML 14Page - NXP Semiconductors PR31500 Datasheet HTML 15Page - NXP Semiconductors PR31500 Datasheet HTML 16Page - NXP Semiconductors PR31500 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31500
Poseidon embedded processor
1996 Sep 24
13
AC ELECTRICAL CHARACTERISTICS
0.8V
2.0V
DELAY
SETUP
HOLD
2.2V
0.8V
2.2V
0.8V
2.2V
0.8V
OUTPUTS
INPUTS
0.8VCC
0.2VCC
SN00165
Figure 3. PR31500 Timing – Definition of AC Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com