Electronic Components Datasheet Search
  English  ▼

X  

MC68HC705F32CPU Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MC68HC705F32CPU
Description  a member of the M68HC05 family of HCMOS
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705F32CPU Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MC68HC705F32CPU Datasheet HTML 35Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 198 page
background image
MC68HC05F32
MOTOROLA
3-5
MEMORY AND REGISTERS
3
3.2
RAM
The user RAM consists of 920 bytes of memory, from $0068 to $03FF. This is shared with a
64 byte stack area. The stack begins at $00FF, and may extend down to $00C0.
Note:
Using the stack area for data storage or temporary work locations requires care to
prevent the data from being overwritten due to stacking from an interrupt or subroutine
call.
3.3
ROM
The user ROM occupies 32512 bytes of memory, from $8000 to $FEFF. In addition, there are 16
bytes of user vectors, from $FFF0 to $FFFF. The Bootloader ROM is located from $FF00 to $FFEF.
Note:
For compatibility, unused bits (shaded) should always be cleared, when writing to them.
SPI status (SPSR)
$0045
SPIF WCOL
0
MODF
0
0
0
0
0000 0000
SPI data I/O (SPDAT)
$0046
undefined
SCI data (SCDAT)
$0047
undefined
SCI control 1 (SCCR1)
$0048
R8
T8
0
M
WAKE
0
0
0
uu00 0000
SCI control 2 (SCCR2)
$0049
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK
0000 0000
SCI status (SCSR)
$004A
TDRE
TC
RDRF
IDLE
OR
NF
FE
0
1100 0000
SCI baud rate (BAUD)
$004B
TCLR
0
SCP1 SCP0 RCKB SCR2 SCR1
SCR0 0000 0uuu
CPI control status (CPICSR)
$004C
0
CPIF
0
CPIE
0
0
RFQ1
RFQ0 0000 0000
System options (SOR)
$004D
LVIF
LVIE
LVION
SC
IRQ
KEYMUX KEYCLR
PUEN 0000 0000
A/D data (ADDATA)
$004E
undefined
A/D status/control (ADSCR)
$004F COCO ADRC ADON
0
CH3
CH2
CH1
CH0
0000 0000
u = undefined
Table 3-1 Register outline
Register Name
Address bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
33
05F32Book Page 5 Tuesday, June 8, 1999 7:55 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com