Electronic Components Datasheet Search
  English  ▼

X  

MC68HC705F32CPU Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MC68HC705F32CPU
Description  a member of the M68HC05 family of HCMOS
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC705F32CPU Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC68HC705F32CPU Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68HC705F32CPU Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 198 page
background image
MC68HC05F32
MOTOROLA
v
TABLE OF CONTENTS
Paragraph
Number
Page
Number
TITLE
11.11.2
Serial communications control register 1 (SCCR1) ......................................... 11–9
11.11.3
Serial communications control register 2 (SCCR2) ....................................... 11–11
11.11.4
Serial communications status register (SCSR).............................................. 11–12
11.11.5
Baud rate register (BAUD) ............................................................................. 11–14
11.12 Baud rate selection .............................................................................................. 11–16
11.13 SCI during STOP mode ....................................................................................... 11–16
11.14 SCI during WAIT mode ........................................................................................ 11–16
12
PULSE WIDTH MODULATOR
12.1
PWM introduction .................................................................................................. 12–1
12.2
Functional description............................................................................................ 12–2
12.3
Registers ............................................................................................................... 12–2
12.3.1
PWM control (PWMCR) ................................................................................... 12–3
12.3.2
PWM data registers (PWMD)........................................................................... 12–4
12.4
PWM during WAIT mode ....................................................................................... 12–4
12.5
PWM during STOP mode ...................................................................................... 12–5
12.6
PWM during reset .................................................................................................. 12–5
13
32 KHZ CLOCK SYSTEM
13.1
32 kHz clock system .............................................................................................. 13–1
13.1.1
Custom periodic interrupt control/status register (CPICSR) ............................ 13–1
13.1.1.1
Refresh clock.............................................................................................. 13–2
13.2
Operation during STOP mode ............................................................................... 13–2
13.3
Operation during WAIT mode ................................................................................ 13–2
14
RESETS AND INTERRUPTS
14.1
Resets ................................................................................................................... 14–1
14.1.1
Power-on reset ................................................................................................. 14–1
14.1.2
RESET pin ....................................................................................................... 14–1
14.1.3
Illegal address reset......................................................................................... 14–1
14.1.4
Computer operating properly (COP) reset ....................................................... 14–2
14.1.5
Low voltage reset ............................................................................................. 14–2
14.2
Interrupts ............................................................................................................... 14–3
14.2.1
Interrupt priorities ............................................................................................. 14–4
14.2.2
Non-maskable software interrupt (SWI) ........................................................... 14–4
14.2.3
Maskable hardware interrupts.......................................................................... 14–4
14.2.3.1
Real time and core timer (CTIMER) interrupts ........................................... 14–4
14.2.3.2
Programmable 16-bit timer interrupt........................................................... 14–6
05F32Book Page v Tuesday, June 8, 1999 7:55 am
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com