Electronic Components Datasheet Search
  English  ▼

X  

PR31500ABC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PR31500ABC
Description  Poseidon embedded processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31500ABC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PR31500ABC Datasheet HTML 10Page - NXP Semiconductors PR31500ABC Datasheet HTML 11Page - NXP Semiconductors PR31500ABC Datasheet HTML 12Page - NXP Semiconductors PR31500ABC Datasheet HTML 13Page - NXP Semiconductors PR31500ABC Datasheet HTML 14Page - NXP Semiconductors PR31500ABC Datasheet HTML 15Page - NXP Semiconductors PR31500ABC Datasheet HTML 16Page - NXP Semiconductors PR31500ABC Datasheet HTML 17Page - NXP Semiconductors PR31500ABC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31500
Poseidon embedded processor
1996 Sep 24
14
CRYSTAL OSCILLATOR CHARACTERISTICS
10MHz Crystal
SYSCLKIN
SYSCLKOUT
100
Ω
XTAL
RECOMMENDED 10MHz CRYSTAL
NIHON DEMPA KOGYO CO., LTD.: AT1–51
CIN
COUT
SN00166
128
129
SYMBOL
PARAMETER
RECOMMENDED VALUE
UNIT
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Crystal Oscillator
fIN
frequency
8.25
10
MHz
CI
crystal impedance
TBD
TBD
k
Ω
CIN, COUT
External capacitors
10
33
pF
32kHz Crystal
79
80
C32KIN
C32KOUT
XTAL
RECOMMENDED 32kHz CRYSTAL
KYOCERA CORPORATION: KF-38G
CIN
COUT
SN00167
SYMBOL
PARAMETER
RECOMMENDED VALUE
UNIT
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CIN, COUT
External capacitors
10
33
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com