Electronic Components Datasheet Search
  English  ▼

X  

PR31500ABC Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PR31500ABC
Description  Poseidon embedded processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PR31500ABC Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PR31500ABC Datasheet HTML 11Page - NXP Semiconductors PR31500ABC Datasheet HTML 12Page - NXP Semiconductors PR31500ABC Datasheet HTML 13Page - NXP Semiconductors PR31500ABC Datasheet HTML 14Page - NXP Semiconductors PR31500ABC Datasheet HTML 15Page - NXP Semiconductors PR31500ABC Datasheet HTML 16Page - NXP Semiconductors PR31500ABC Datasheet HTML 17Page - NXP Semiconductors PR31500ABC Datasheet HTML 18Page - NXP Semiconductors PR31500ABC Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Philips Semiconductors
Preliminary specification
MIPS
PR31500
Poseidon embedded processor
1996 Sep 24
15
MEMORY INTERFACE
Tamb = 0 to +70°C, VDD = 3.3 ± 0.3V, External Capacitance = 40pF
ITEM
PARAMETER
RISING/FALLING
LIMITS
UNIT
ITEM
PARAMETER
RISING/FALLING
MIN
MAX
UNIT
1
DCLKOUT high time
–
5.4
–
ns
2
DCLKOUT low time
–
5.4
–
ns
3
DCLKOUT period
–
13.5
–
ns
4
Delay DCLKOUT to ALE
Rising
–
4
ns
4
Delay DCLKOUT to ALE
Falling
–
3
ns
4
Delay DCLKOUT to A[12:0]
–
–
8
ns
4
Delay DCLKOUT to D[31:16]
–
–
8
ns
4
Delay DCLKOUT to D[15:0]
–
1.5
8
ns
4
Delay DCLKOUT to /CS3–0
Rising
–
10
ns
4
Delay DCLKOUT to /CS3–0
Falling
–
10
ns
4
Delay DCLKOUT to /RD
Risng
–
8
ns
4
Delay DCLKOUT to /RD
Falling
–
7
ns
4
Delay DCLKOUT to /WE
Rising
–
5
ns
4
Delay DCLKOUT to /WE
Falling
–
4
ns
4
Delay DCLKOUT to /SAS3–0
Rising
–
1.5
ns
4
Delay DCLKOUT to /SAS3–0
Falling
–
1.5
ns
4
Delay DCLKOUT to /CARDxCSx
Rising
–
9
ns
4
Delay DCLKOUT to /CARDxCSx
Falling
–
8
ns
4
Delay DCLKOUT to /CARDDIR
Rising
–
12
ns
4
Delay DCLKOUT to /CARDDIR
Falling
–
11
ns
4
Delay DCLKOUT to /CARDREG
Rising
–
9
ns
4
Delay DCLKOUT to /CARDREG
Falling
–
10
ns
4
Delay DCLKOUT to /IORD
Rising
–
10
ns
4
Delay DCLKOUT to /IORD
Falling
–
9
ns
4
Delay DCLKOUT to /IOWR
Rising
–
9
ns
4
Delay DCLKOUT to /IOWR
Falling
–
9
ns
4
Delay DCLKOUT to /RAS0
Rising
–
6
ns
4
Delay DCLKOUT to /RAS0
Falling
–
6
ns
4
Delay DCLKOUT to /RAS1
Rising
1.5
8
ns
4
Delay DCLKOUT to /RAS1
Falling
1.5
9
ns
4
Delay DCLKOUT to DQMH/L
Rising
1.5
8
ns
4
Delay DCLKOUT to DQMH/L
Falling
1.5
9
ns
4
Delay DCLKOUT to /DCS0
Rising
1.5
7
ns
4
Delay DCLKOUT to /DCS0
Falling
1.5
6
ns
4
Delay DCLKOUT to DCKE
Rising
1.5
8
ns
4
Delay DCLKOUT to DCKE
Falling
1.5
8
ns
4
Delay DCLKOUT to /MCS3–0
Rising
–
10
ns
4
Delay DCLKOUT to /MCS3–0
Falling
–
10
ns
5
D[31:16] to DCLKIN Setup time
–
2
–
ns
6
D[31:16] to DCLKIN Hold time
–
1
–
ns
5
D[15:0] to DCLKIN Setup time
–
1
–
ns
6
D[15:0] to DCLKIN Hold time
–
1.5
–
ns
7
DCLKOUT to DCLKIN Board Delay time
–
0
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com