Electronic Components Datasheet Search
  English  ▼

X  

13191 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 13191
Description  2.4 GHz ISM Band Low Power Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13191 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  13191 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MC13191 Technical Data, Rev. 1.5
Freescale Semiconductor
5
4.2
Receive Path Description
In the receive signal path, the RF input is converted to low IF In-phase and Quadrature (I & Q) signals
through two down-conversion stages. An Energy Detect can be performed based upon the baseband
energy integrated over a specific time interval. The digital back end performs Differential Chip Detection
(DCD), the correlator “de-spreads” the Direct Sequence Spread Spectrum (DSSS) Offset QPSK
(O-QPSK) signal, determines the symbols and packets, and detects the data.
The preamble, SFD, and FLI are parsed and used to detect the payload data and FCS which are stored in
RAM. A two-byte FCS is calculated on the received data and compared to the FCS value appended to the
transmitted data which generates a Cyclical Redundancy Check (CRC) result. Link Quality is measured
over a 64 µs period after the packet preamble and stored in RAM.
The MC13191 uses a packet mode where the data is processed as an entire packet and stored in Rx Packet
RAM. The MCU is notified that an entire packet has been received via an interrupt.
Figure 4 shows energy detection reported power versus input power.
NOTE
The 802.15.4 Standard accuracy and range limits are shown for reference.
Figure 4. Reported Power Level Versus Input Power for ED or LQI
4.3
Transmit Path Description
For the transmit path, the TX data that was previously stored in TX Packet RAM is retrieved, formed into
packets, spread, and then up-converted to the transmit frequency.
Because the MC13191 is used in packet mode, data is processed as an entire packet. The data is first loaded
into the TX buffer. The MCU then requests that the MC13191 transmit the data. The MCU is notified via
an interrupt when the whole packet has successfully been transmitted.
-85
-75
-65
-55
-45
-35
-25
-15
-85
-75
-65
-55
-45
-35
-25
-15
Input Power Level (dBm)
802.15.4 Accuracy
and Range Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com