Electronic Components Datasheet Search
  English  ▼

X  

13191 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 13191
Description  2.4 GHz ISM Band Low Power Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13191 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 13191 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 14Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MC13191 Technical Data, Rev. 1.5
Freescale Semiconductor
17
Because the MC13191 contains an on-chip reference frequency trim capability, it is possible to trim out
virtually all of the initial tolerance factors and put the frequency within 0.12 ppm on a board-by-board
basis.
A tolerance analysis budget may be created using all the previously stated factors. It is an engineering
judgment whether the worst case tolerance will assume that all factors will vary in the same direction or if
the various factors can be statistically rationalized using RSS (Root-Sum-Square) analysis. The aging
factor is usually specified in ppm/year and the product designer can determine how many years are to be
assumed for the product lifetime. Taking all of the factors into account, the product designer can determine
the needed specifications for the crystal and external load capacitors to meet the desired specification.
8.2
Design Example
Figure 10 shows a basic application schematic for interfacing the MC13191 with an MCU. Table 9 lists
the Bill of Materials (BOM).
The MC13191 has differential RF inputs and outputs that are well suited to balanced printed wire antenna
structures. Alternatively, as in the application circuit, a printed wire antenna, a chip antenna, or other
single-ended structures can be used with commercially available chip baluns or microstrip equivalents.
PAO+ and PAO- require a DC connection to VDDA (the analog regulator output) through AC blocking
elements. This is accomplished through the baluns in the referenced design.
The 16 MHz crystal should be mounted close to the MC13191 because the crystal trim default assumes
that the listed KDS Daishinku crystal (see Table 10) and the 6.8 pF load capacitors shown are used. If a
different crystal is used, it should have a specified load capacitance (stray capacitance, etc.) of
9 pF or less. Other crystals are listed in Section 8.3, “Crystal Requirements”.
VDDA is an analog regulator output used to supply only the onboard PA (PAO+ and PAO-) and VDDLO1
and VDDLO2 pins. VDDA should not be used to power devices external to the transceiver chip. Bypassing
capacitors are critical and should be placed close to the device. Unused pins should be grounded as shown.
The SPI connections to the MCU include CE, MOSI, MISO, and SPICLK. The SPI can run at a frequency
of 8 MHz or less. Optionally, CLKO can provide a clock to the MCU. The CLKO frequency is
programmable via the SPI and has a default of 32.786+ kHz (16 MHz / 488). The ATTN line can be driven
by a GPIO from the MCU (as shown) or can also be controlled by a switch or other hardware. The latter
approach allows the MCU to be put into a sleep mode and then awakened by CLKO when the ATTN line
wakes up the MC13191. RXTXEN is used to initiate receive, transmit or CCA/ED sequences under MCU
control. In this case, RXTXEN must be controlled by an MCU GPIO with the connection shown. Device
reset (RST) is controlled through a connection to an MCU GPIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com