Electronic Components Datasheet Search
  English  ▼

X  

2003ALM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 2003ALM
Description  boxes and ancillary products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2003ALM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2003ALM Datasheet HTML 1Page - List of Unclassifed Manufacturers 2003ALM Datasheet HTML 2Page - List of Unclassifed Manufacturers 2003ALM Datasheet HTML 3Page - List of Unclassifed Manufacturers 2003ALM Datasheet HTML 4Page - List of Unclassifed Manufacturers 2003ALM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
wiring devices
| boxes and ancillary products
www.mkelectric.co.uk
200
Boxes
Knockouts in base and sides
for cable entry.
DimenSionS:
87 x 87mm
FixinG CentReS:
60.3mm
BS 5733: 2010
2031WHI
FoR 1 GanG
PoweR aCCeSSoRieS
Knockouts are provided in
base and sides for cable entry
DimenSionS:
1 gang: 87 x 87mm
2 gang: 87 x 148mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
2140WHI
FoR 1 GanG
PoweR aCCeSSoRieS
SquaRe CoRneRS
44mm
SURFACE
32mm
SURFACE
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
K2134WHI
1 GanG 20mm DeeP
FoR loGiC PluS™
aCCeSSoRieS
K2133WHI
2 GanG 20mm DeeP
FoR loGiC PluS™
aCCeSSoRieS
Mounting
Frames For
Trunking
DimenSionS:
K2061: 88 x 88mm
K2062: 88 x 148mm
FixinG CentReS:
K2061: 60.3mm
K2062: 120.6mm
BS 5733: 2010
K2061WHI
1 GanG
K2062WHI
2 GanG
FLANGE BOxES
45mm
FLUSH
DimenSionS:
1 gang: 87 x 87mm
2 gang: 87 x 148mm
3 gang: 87 x 208mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
3 gang: 180.9mm
BS 5733: 2010
K2153WHI
FoR 3 GanG
loGiC PluS™
PoweR aCCeSSoRieS
Knockouts provided in sides
and base.
K2172: earth terminal fitted
in base of box.
DimenSionS:
K2031: 87 x 87mm
K2172: 87 x 148mm
FixinG CentReS:
K2031: 60.3mm
K2172: 120.6mm
BS 5733: 2010
K2031WHI
FoR 1 GanG
loGiC PluS™
PoweR aCCeSSoRieS
K2172WHI
FoR 2 GanG
loGiC PluS™ 45 amP
DP SwitCHeS
40mm
SURFACE
Knockouts in base and sides
for cable entry
K2142 and K2153 are
suitable for fitting over 1
gang and 2 gang BS 4662
flush steel boxes respectively
K2140WHI
FoR 1 GanG
loGiC PluS™
PoweR aCCeSSoRieS
K2142WHI
FoR 2 GanG
loGiC PluS™
PoweR aCCeSSoRieS
this box has two slots in
base with 60.3mm and
120.6 fixing centres for
fitting over BS 4226 flush
boxes. Knockouts provided
for cable entry.
includes integral dividing
fillet.
DimenSionS: 86 x 172 mm
BS 5733: 2010
K2025WHI
FoR mountinG
two x 1 GanG
loGiC PluS™
aCCeSSoRieS
30mm
SURFACE
DUAL BOx
38mm
SURFACE
earth terminal fitted in
base of boxes. Knockouts
provided in sides and bases.
DimenSionS:
1 gang: 87 x 87mm
2 gang: 87 x 148mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
K2160WHI
FoR 1, 2 anD
3 GanG loGiC PluS™
PlateSwitCHeS
K2161WHI
FoR 4 anD 6 GanG
loGiC PluS™
PlateSwitCHeS
Clamps accept 20mm
sealing pots.
DimenSionS:
1 gang: 92 x 92mm
2 gang: 92 x 152mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
K2131WHI
1 GanG
10 ClamPS
K2132WHI
2 GanG
12 ClamPS
16mm
SURFACE
MI CABLE BOxES
37mm
SURFACE
earth terminal fitted in base
of boxes.
DimenSionS:
1 gang: 87 x 33 x 16mm
2 gang: 148 x 33 x 16mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
K2151WHI
1 GanG
aRCHitRaVe Box
K2152WHI
2 GanG
aRCHitRaVe Box
Moulded Boxes
ARCHITRAvE
SURFACE
QFB/IG1
1 GanG witH
intumeSCent GaSKet
QFB/IG2
2 GanG witH
intumeSCent GaSKet
DRy LINING
35mm
FLUSH
QFB/Ig1 & QFB/Ig2
Pre-fitted with intumescent
gaskets to give fire protection,
in accordance with
BS 476 Pt.22: 1987. in a fire
situation, a chemical reaction
will occur with the intumescent
material. the void behind the
wiring device will be filled,
providing protection against the
passage of fire.
BS4662: 2006



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com