Electronic Components Datasheet Search
  English  ▼

X  

2003ALM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2003ALM
Description  boxes and ancillary products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2003ALM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2003ALM Datasheet HTML 1Page - List of Unclassifed Manufacturers 2003ALM Datasheet HTML 2Page - List of Unclassifed Manufacturers 2003ALM Datasheet HTML 3Page - List of Unclassifed Manufacturers 2003ALM Datasheet HTML 4Page - List of Unclassifed Manufacturers 2003ALM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
technical hotline +44 (0)1268 563720
boxes and ancillary products
| wiring devices
197
Boxes
Flush and surface mounted metal boxes and frames,
surface PVC and moulded urea boxes, frames and
accessories.
All MK flush metal boxes are manufactured from
superior materials and are fitted with earth terminals,
an adjustable lug for out of square alignment
and include more than an adequate number of
knockouts.
with earth terminal, and
adjustable lug
DimenSionS:
1 gang: 75 x 75mm
2 gang: 75 x 135mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
KnoCKoutS:
1 gang: 12 x 20mm
2 gang: 10 x 20mm
2 x 25mm
BS 4662: 2006
861ZIC
1 GanG
one aDJuStaBle luG
862ZIC
2 GanG
one aDJuStaBle luG
Steel Boxes
25mm
FLUSH
DimenSionS:
1 gang: 75 x 75mm
2 gang: 75 x 135mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
KnoCKoutS:
1 gang: 7 x 20mm
3 x 25mm
2 gang: 11 x 20mm
4 x 25mm
BS 4662: 2006
DimenSionS:
1 gang: 75 x 75mm
2 gang: 75 x 135mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
KnoCKoutS:
1 gang: 6 x 20mm
4 x 25mm
2 gang: 9 x 20mm
6 x 25mm
BS 4662: 2006
866ZIC
1 GanG
one aDJuStaBle luG
886ZIC
2 GanG
one aDJuStaBle luG
877ZIC
1 GanG
46mm DeeP
878ZIC
2 GanG 47mm DeeP
one aDJuStaBle luG
35mm
FLUSH
46mm
47mm
FLUSH
MOUNTING BOx ACCESSORIES see page 201
Fitted with two earth terminals.
two adjustable lugs.
DimenSionS: 203 x 75mm
FixinG CentReS: 180.9mm
KnoCKoutS:
3 gang: 14 x 20mm
6 x 20mm
BS 5733: 2010
K863
FoR 3 GanG
K2737 loGiC PluS™
SwitCHSoCKet
35mm
FLUSH
K2213ALM
1 GanG
5 x 20mm KnoCKoutS
K2214ALM
2 GanG
7 x 20mm KnoCKoutS
all boxes are fitted with an
earth terminal.
DimenSionS:
1 gang: 86 x 86mm
2 gang: 86 x 146mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010
K2211ALM
1 GanG
witHout KnoCKoutS
K2212ALM
2 GanG
witHout KnoCKoutS
41mm
SURFACE FOR USE wITH LOGIC PLUS™
2211ALM
1 GanG
witHout KnoCKoutS
2212ALM
2 GanG
witHout KnoCKoutS
2213ALM
1 GanG
5 x 20mm KnoCKoutS
2214ALM
2 GanG
7 x 20mm KnoCKoutS
all boxes are fitted with an
earth terminal.
DimenSionS:
1 gang: 86 x 86mm
2 gang: 86 x 146mm
FixinG CentReS:
1 gang: 60.3mm
2 gang: 120.6mm
BS 5733: 2010


Similar Part No. - 2003ALM

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
2003A BURLAND-2003A Datasheet
285Kb / 1P
Floor box system: 2003A
More results

Similar Description - 2003ALM

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
logo
Gennum Corporation
GS1660A GENNUM-GS1660A Datasheet
6Mb / 83P
Ancillary data extraction
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
Ancillary data extraction
GS1670A GENNUM-GS1670A Datasheet
9Mb / 130P
Ancillary data extraction
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
Ancillary data extraction
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
Ancillary data extraction
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com