Electronic Components Datasheet Search
  English  ▼

X  

33790 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33790
Description  Two-Channel Distributed System Interface (DSI) Physical Interface Device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33790 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33790 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33790
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 4.75 V
≤ V
DD ≤ 5.25 V, 8.0 V ≤ VSUP ≤ 25.0 V, -40°C ≤ TJ ≤ 150°C unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY
ISUP Supply Current /Channel (Not Including IOUT)
DSIx0 = Idle Voltage, -100 mA
≤ I
OUT ≤ 0 mA
DSIx0 = Output High Voltage, IOUT = 12 mA
ISUPI
ISUPH
–
–
1.35
5.0
3.25
9.00
mA
IDD Supply Current /Channel
IDD
–
0.5
1.0
mA
BUS TRANSMITTER
VSUP to DSIxO ON Resistance (During Idle)
IOUT = -100 mA
RDS(ON)
–
–
10
Ω
Output High Voltage
DSIx0 (-15 mA
≤ I
OUT ≤ 1.0 mA)
DSIVOH
4.175
4.5
4.825
V
Output Low Voltage
DSIx0 (-15 mA
≤ I
OUT ≤ 1.0 mA)
DSIVOL
1.325
1.5
1.675
V
Output High-Side Current Limit (5)
ICLH
-100
–
-200
mA
Output Low-Side Current Limit (5)
ICLL
110
–
220
mA
Input Leakage
DSIxO When DSIxF Is High and DSIxS Is Low (0 V
≤ DSIxO ≤ Min
(VSUP = 16.5 V))
DSIIB
-200
–
50
µA
BUS RECEIVER
Return Current Threshold
IRH
-5.0
-6.0
-7.0
mA
MICROCONTROLLER INTERFACE
Logic Input Thresholds DSIxS, DSIxF
VIN(TH)
1.10
–
2.20
V
Output High Voltage
DSIxR Pin = -0.5 mA
VOH
0.8 VDD
–
VDD
V
Output Low Voltage
DSIxR Pin = 1.0 mA
VOL
0.0
–
0.2 VDD
V
Internal Pullup for DSIxF
IIL
-100
–
-10
µA
Internal Pulldown for DSIxS
IIH
10
–
100
µA
Notes
5.
After 10
µs settling time (assured by design).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com