Electronic Components Datasheet Search
  English  ▼

X  

33790 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33790
Description  Two-Channel Distributed System Interface (DSI) Physical Interface Device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33790 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33790 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33790
TYPICAL APPLICATIONS
FUNCTIONAL TERMINAL DESCRIPTION
TYPICAL APPLICATIONS
The 33790 is intended for use in a DSI system. This device
supplies the interface between standard logic levels and the
voltage and current required for the DSI bus. Two
independent DSI busses are supported by this part. The
33790 does not form the timing for the DSI bus. This is done
by logic either embedded in a microcontroller or by the
MC68HC55, which uses SPI commands and forms DSI
protocol for communications over the DSI bus.
The pins from the MC68HC55 are made to line up with the
pins connecting to the 33790. This includes all the DSIxF,
DSIxS, and DSIxR pins.
A capacitor attached to CPCAP serves as a charge
reservoir for the gate drive charge pump. This circuit creates
a voltage that is higher than the source of the N-channel
output transistor. This allows turning on of the transistor
enough to prevent any significant voltage drop across it. The
rest of charge pump electronics are completely self-
contained on the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com