Electronic Components Datasheet Search
  English  ▼

X  

LB122 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # LB122
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB122 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button LB122 Datasheet HTML 17Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 18Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 19Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 20Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 21Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 22Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 23Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 24Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
19
Utica® “Click” Type Torque Sensing Wrenches
“B” Size Interchangeable Heads
NOTES:
1. “A” series drive heads are not interchangeable with “B” series heads.
2. Utica torque heads when used with Utica torque wrenches, meet the accuracy statements for Utica wrenches.
We cannot guarantee accuracy when other manufacturers heads or wrenches are interchanged with a Utica part.
Refer to page 4 for
description of Rapid Select.
RS 124
MO 224
MB 224
28523
LF 244
Ratcheting Square Drive “B”
Drive Size (in.)
Part No.
3/8
RS 124
1/2
RS 164
Open End Metric
“B”
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb. Nm
12mm
MO 124
434
36
49
13mm
MO 134
549
46
62
14mm
MO 144
761
63
86
15mm
MO 154
920
77
104
16mm
MO 164 1097
92
124
17mm
MO 174 1230
103 139
18mm
MO 184 1372
114 155
19mm
MO 194 1646
137 186
20mm
MO 204 1921
160 217
22mm
MO 224 2100
175 237
Open End U.S. Standard “B”
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb. Nm
1/2
OP 164
550
46
62
9/16
OP 184
770
64
87
5/8
OP 204
1100
92
124
11/16
OP 224
1375 115 155
3/4
OP 244
1650 138 186
13/16
OP 264
2100 175 237
7/8
OP 284
2100 175 237
15/16
OP 304
2100 175 237
1
OP 324
2100 175 237
1 1/16 OP 344
2100 175 237
1 1/8
OP 364
2100 175 237
1 3/16 OP 384
2100 175 237
1 1/4
OP 404
2100 175 237
12 Point Box Metric
“B”
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb. Nm
12mm
MB 124
434
36
49
13mm
MB 134
549
46
62
14mm
MB 144
761
63
86
15mm
MB 154
920
77
104
16mm
MB 164
1097
92
124
17mm
MB 174
1230
103 139
18mm
MB 184
1372
114 155
19mm
MB 194
1646
137 186
20mm
MB 204
1921
160 217
22mm
MB 224
2100
175 237
12 Point Box U.S. Standard“B”
Maximum
Opening
Torque Load
Size
Part No.
in.-lb.
ft.-lb. Nm
1/2
LB 164
550
46
62
9/16
LB 184
770
64
87
5/8
LB 204
1100
92
124
11/16
LB 224
1375
115 155
3/4
LB 244
1650
138 186
13/16
LB 264
2100
175 237
7/8
LB 284
2100
175 237
15/16
LB 304
2100
175 237
1
LB 324
2100
175 237
1 1/16
LB 344
2100
175 237
1 1/8
LB 364
2100
175 237
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb. Nm
1/2
LF 164
200
17
23
9/16
LF 184
275
23
31
5/8
LF 204
325
27
37
11/16
LF 224
396
33
45
3/4
LF 244
500
42
56
7/8
LF 284
800
67
90
1
LF 324
1000
83
113
1 1/8
LF 364
1000
83
113
12 Point Flare Nut
U.S. Standard
“B”
Bit Holders
Square
Female
Part No. Drive (in.) Hex (in.)
825
1/4
1/4
M-825
1/4
1/4 Magnetic
838
3/8
1/4
M-838
3/8
1/4 Magnetic
858
1/2
1/4
M-858
1/2
1/4 Magnetic
SAE Size Sockets
Part
Square
Hex
No.
Dr. (in.)
Opening (in.)
3108
3/8
1/4
3110
3/8
5/16
3112
3/8
3/8
3114
3/8
7/16
3116
3/8
1/2
3118
3/8
9/16
3120
3/8
5/8
5110
1/2
5/16
5112
1/2
3/8
5114
1/2
7/16
5116
1/2
1/2
5118
1/2
9/16
5120
1/2
5/8
5122
1/2
11/16
5124
1/2
3/4
7120
3/4
5/8
7124
3/4
3/4
7128
3/4
7/8
7130
3/4
15/16
7132
3/4
1
Metric Size Sockets
Part
Square
Hex
No.
Dr. (in.)
Opening(mm)
10mm13
3/8
10mm
11mm13
3/8
11mm
12mm13
3/8
12mm
13mm13
3/8
13mm
14mm13
3/8
14mm
15mm13
3/8
15mm
16mm13
3/8
16mm
13mm15
1/2
13mm
14mm15
1/2
14mm
15mm15
1/2
15mm
16mm15
1/2
16mm
17mm15
1/2
17mm
18mm15
1/2
18mm
19mm15
1/2
19mm
21mm15
1/2
21mm
19mm17
3/4
19mm
21mm17
3/4
21mm
22mm17
3/4
22mm
24mm17
3/4
24mm
30mm17
3/4
30mm
Female Square Male Square
Part No.
Drive (in.)
Drive (in.)
EX-254
3/8
1/4
EX-503
3/8
1/2
EX-375
1/2
3/8
EX-623
1/2
5/8
EX-751
1/2
3/4
Adapters
Head Adapter “B”
Weld custom heads to
adapters to couple with
“B” handles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com