Electronic Components Datasheet Search
  English  ▼

X  

LB122 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LB122
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB122 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LB122 Datasheet HTML 3Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 4Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 5Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 6Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 7Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 8Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 9Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 10Page - List of Unclassifed Manufacturers LB122 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
cycles and other application related details.
To locate your nearest Utica Service Center
for calibration, simply visit our website at
www.uticatools.com.
Rapid Select Means Fast Delivery
Models indicated with the Rapid Select
icon represent our most popular tools,
and are available for fast delivery in limited quantities.
Ordering Information
Utica products are distributed world-wide. To locate
your nearest Utica distributor, visit our website at
www.uticatools.com or contact us at
(937) 222-7871 or fax (937) 228-0422.
What Is Torque?
The concept of torque is a mystery for many people.
Ask a group of people to define torque and you’ll
probably receive a variety of answers. Open a
dictionary to the definition of torque and you’ll be
greeted with terms such as torsion, axis, and vector.
However, if the definition of torque is boiled down to
layman’s terms, it is the measurement of a turning or
twisting force. A simple example is the force
required to turn the head of a bolt on an automobile
chassis. Most tool boxes would include some of the
most common tools used to apply torque, such as
screwdrivers,
wrenches, and
impact tools.
When torque is
applied to the
head of a bolt
during a fasten-
ing process,
there are actually
two main forces
at work. First, we
are applying a
force - torque to
the bolt head to
tighten it. The
second force at
work is the ten-
sion or stretch
created that runs
the length of the
bolt. These two forces are closely related. The more
torque applied to the bolt head, the more tension or
“stretch” is applied to the length of the bolt.
Why Is Torque Important?
When we apply torque to fasteners such as bolts
and screws, we are actually clamping parts together.
The amount of torque applied determines how
well the fastener does its job in the long run. If we
apply too little torque, the fastener can vibrate and
eventually loosen. On the other hand, if we apply
too much torque, the fastener will over stress and can
break or strip the threads. Either way, the fastener
doesn’t do what its suppose to do – hold something
together. The objective is to apply enough torque to
a fastener, creating tension that is greater than any
external force trying to separate it.
How Is Torque Measured?
Torque is measured by multiplying the amount of
force applied by the distance from the point we are
turning. For instance, if we are turning a bolt and apply
5 lbs. of force at the end of a wrench measuring 1
ft., the torque would equal 5 ft. lbs. This doesn’t tell
us what the optimal torque is for the fastener, but it
does allow us to quantify the amount of torque we
are applying to a fastener.
What Is The Correct
Torque Level For A Fastener?
When an engineer calculates the correct torque level
for a fastener, several issues must be addressed. The
first issue is the maximum load that the fastener will
experience. Second is the strength of the material
that the fastener will clamp. Third is whether the joint
is hard or soft. The fourth issue is the nature of the
external force acting on the joint, such as vibration,
pulling, or twisting.
Through statistical analysis, an engineer can
determine the optimal level of torque that should be
applied to a joint for maximum performance.
Force
Torque
Clamping
Force
Tension
In Bolt
5
5 lbs. of Force
@ 12”= 5 ft.lbs
10 lbs. of Force
@ 6”= 5 ft.lbs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com