Electronic Components Datasheet Search
  English  ▼

X  

MB142 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # MB142
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MB142 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MB142 Datasheet HTML 12Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 13Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 14Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 15Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 16Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 17Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 18Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 19Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
14
Utica® “Click” Type Torque Sensing Wrenches
Ratchet Head, Flex Head Ratchet, Plain Head & Preset
s Drive Sizes: 1/4” through 3/4”
s Audible “click” and/or a few degrees of
travel provide simple, fast indication of
micrometer – accurate torque settings.
s Patented, low friction torque control mechanism
produces accurate readings in either direction.
s Accuracy is ± 4% of setting right hand (clockwise) and
± 6% of setting left hand (counterclockwise) within upper
80% of scale.
s Two calibration adjustments (major and fine) permit easy and
precise torque settings. Most conventional torque wrenches
have only one adjustment.
s Dual scale models give readings in in.-lbs./Newton Meters or
ft.-lbs./Newton Meters.
s Patented spring-loaded locking collar locks scale on desired
reading and remains in locked position. Wrench cannot be left
inadvertently unlocked.
s Heavy-duty, reversible ratchet models have quick-shift lever to
allow easy single-hand shifting.
s Slim, lightweight design reduces fatigue and facilitates use in
confined work areas.
s Store all adjustable models at their lowest torque setting.
TCM-75R
TCI-150RA
CH-1800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com