Electronic Components Datasheet Search
  English  ▼

X  

MB142 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # MB142
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MB142 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button MB142 Datasheet HTML 8Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 9Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 10Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 11Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 12Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 13Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 14Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 15Page - List of Unclassifed Manufacturers MB142 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
10
Utica® Torque Limiting Screwdrivers
Miniature Models & Accessories
s Specifically designed for reliable tightening of the very
smallest threaded fasteners.
s Largest model weighs only 1 oz.
s Operate in same manner as standard models — reach set
torque and slip to prevent over-torquing of delicate
components.
s Accuracy ±6%, right hand only. Meets or exceeds
ASME B107.14M and ISO 6789 specifications.
s Choice of micrometer adjustable or factory preset models.
Length
Weight
Model No.
Range
Increments
Drive
in.
mm
lbs.
kg
U.S. Standard
TT-1 5–20 in.-oz. 1/4 in.-oz.
Univ.
3.625
92
.06
.03
Calibration certification must be requested at time of purchase.
Adjustable Models
Preset Models
Range
Length
Weight
Model No.
in.-oz.
Nm
cm-kg
Drive
in.
mm
lbs.
kg
TT-SN-1
2–30
.07–2.0
.1–2
Univ.
3.625 92
.06
.03
Calibration certification must be requested at time of purchase.
TT-1
TT-SN-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com