Electronic Components Datasheet Search
  English  ▼

X  

LB284 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # LB284
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB284 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button LB284 Datasheet HTML 13Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 14Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 15Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 16Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 17Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 18Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 19Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 20Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
15
Utica® “Click” Type Torque Sensing Wrenches
Ratchet Head, Flex Head Ratchet, Plain Head & Preset
FH-150FRN
If calibration certification is required, request at time of purchase.
Note: Unless otherwise specified, all Utica® micrometer adjustable torque sensing wrenches are calibrated for use in both left and right hand directions.
Refer to page 4 for
description of Rapid Select.
Drive
Range
Graduations
Length
Weight
Size (in.)
Model No.
ft.-lb.
Nm
ft.-lb.
Nm
in.
mm
lb.
kg
1/2
FH-150FRN*
30–150
47–210
1
1.4
19.875
504.8
3.5
1.6
Flex Head Ratchet (ft.-lb. Graduations)
*Dual Scale Model: ft.-lb./Nm graduations.
Flex Head Pivot Allows 15° Up or down movement in head.
Drive
Range
Graduations
Length
Weight
Size (in.)
Model No.
in.-lb.
Nm
in.-lb.
Nm
in.
mm
lb.
kg
1/4
TCI-150*
30–150
2.8–17.5
1
.113
9
228.6
0.8
0.4
3/8
TCI-150-3/8*
30–150
2.8–17.5
1
.113
9
228.6
1.2
0.5
3/8
TCI-750
150–750
–
5
–
13.5
342.9
1.5
0.7
1/2
TCI-1600
700–1600
–
10
–
17
431.8
2.5
1.1
Plain Head (in.-lb. Graduations)
*Dual Scale Model: in.-lb./Nm graduations.
Drive
Range
Graduations
Length
Weight
Size (in.) Model No.
ft.-lb.
Nm
ft.-lb.
Nm
in.
mm
lb.
kg
3/8
TCI-75FN*
15–75
24–105
.5
1.4
13.5
342.9
2.1
1.0
1/2
TCI-150FN*
30–150
47–210
1.0
1.4
17
431.8
2.7
1.2
Plain Head (ft.-lb. Graduations)
*Dual Scale Model: ft.-lb./Nm graduations.
Drive
Capacity
Length
Weight
Size (in.)
Model No.
ft.-lb.
Nm
in.
mm
lb.
kg
3/4
CH-1800
150
204
26.5
673.1
3.2
1.5
Plain Head Preset (Formerly 28538)
Ratchet Head (in.-lb. Graduations)
Drive
Range
Graduations
Length
Weight
Size (in.)
Model No.
ft.-lb.
Nm
ft.-lb.
Nm
in.
mm
lb.
kg
3/8
TCI-75FRN*
15–75
24–105
.5
1.4
14.25
362.0
2.9
1.3
1/2
TCI-150FRN*w
30–150
47–210
1.0
1.4
18.5
469.9
1.4
0.6
1/2
TCI-150FRD*
30–150
47–210
1.0
1.4
18.5
469.9
2.8
1.3
1/2
TCI-250FRN*
50–250
75–346
1.0
1.4
21.5
546.1
3.5
1.6
3/4
TCI-600FRN*†
120–600
176–827
2.0
2.7
44
1117.6
13.5
6.1
Ratchet Head (ft.-lb. Graduations)
*Dual Scale Models: Either in.-lb./Nm graduations, or ft.-lb./Nm graduations. w Heavy duty ratchet head model. † Calibrated right hand only.
Drive
Range
Graduations
Length
Weight
Size (in.)
Model No.
in.-lb.
Nm
in.-lb.
Nm
in.
mm
lb.
kg
1/4
TCI-150RA*
30–150
2.8–17.5
1.0
.113
9.5
241.3
0.9
0.4
3/8
TCI-150RA-3/8*
30–150
2.8–17.5
1.0
.113
9.5
241.3
0.9
0.4
3/8
TCI-750R
150–750
–
5.0
–
14.25
362.0
3.4
1.5
3/8
TCI-250R*
50–250
5.0–28
1.0
.113
12.5
317.5
3.0
1.4
1/2
TCI-750R-1/2
150–750
–
5.0
–
14.5
368.3
2.5
1.1
1/2
TCI-1600R
700–1600
–
10.0
–
18.5
469.9
2.5
1.1
3/4
TCI-7250R*†
1500–7250
183–805
25.0
2.8
44
1117.6
13.5
6.1
Preset to your exact specifications. 150 ft.-lb. (204Nm) capacity.
Part No.
Replacements For:
V702KR
TCI-150RA
V152KR
TCI-150RA3/8, TCI-250R
T702KR
TCI-75FRN, TCI-750R
T153KR
TCI-750R-1/2, TCI-1600R, TCI-150FRD (OLD)*
A253KR
TCI-150FRN, TCI-250FRN, FH-150FRN
T154KR
TCI-150FRD (NEW)*
R702KR
TCI-600FRN, TCI-7250R
*Old Models have chrome plated shifter caps and new models have black shifter caps
Torque
Wrench
Repair Kits
Drive
Range
Graduation
Length
Weight
Size (in.)
Model No.
ft.-lb.
Nm
ft.-lb.
Nm
in.
mm
lb.
kg
3/8
TCM-75R
–
15–75
–
.5
14.75
375
2.2
1.0
1/2
TCM-75R-1/2
–
15–75
–
.5
14.75
375
2.2
1.0
1/2
TCM-150R
–
30–150
–
1.0
18.25
464
2.6
1.2
Ratchet Head (Nm Graduations)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com