Electronic Components Datasheet Search
  English  ▼

X  

LB284 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # LB284
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB284 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button LB284 Datasheet HTML 15Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 16Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 17Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 18Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 19Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 20Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 21Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 22Page - List of Unclassifed Manufacturers LB284 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Utica® “Click” Type Torque Sensing Wrenches
“A” Size Interchangeable Heads
17
Head Adapter “A”
Weld custom heads to
adapters to couple with
“A” handles.
NOTES:
1. “A” series drive heads are not interchangeable with “B” series heads.
2. Utica torque heads when used with Utica torque wrenches, meet the accuracy statements for Utica wrenches.
We cannot guarantee accuracy when other manufacturers heads or wrenches are interchanged with a Utica part.
RS 122
OP 72
LB 142
HX 72
28522
PS 82
Ratcheting Square Drive “A”
Drive Size (in.)
Part No.
1/4
RS 82
3/8
RS 122
Open End Metric
“A”
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb.
Nm
6mm
MO 62
62
5.1
7
7mm
MO 72
71
5.9
8
8mm
MO 82
133
11
15
9mm
MO 92
186
16
21
10mm
MO 102
274
23
31
11mm
MO 112
410
34
46
12mm
MO 122
420
35
48
13mm
MO 132
420
35
48
14mm
MO 142
420
35
48
15mm
MO 152
420
35
48
12 Point Box Metric
“A”
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb.
Nm
6mm
MB 62
62
5.2
7
7mm
MB 72
71
5.9
8
8mm
MB 82
133
11
15
9mm
MB 92
186
15
21
10mm
MB 102
274
23
31
11mm
MB 112
410
34
46
12mm
MB 122
420
35
48
13mm
MB 132
420
35
48
14mm
MB 142
420
35
48
15mm
MB 152
420
35
48
Hex Keys U.S. Standard
“A”
Maximum
Hex Key
Torque Load
Size
Part No.
in.-lb. ft.-lb.
Nm
1/16
HX 42
8
0.6
0.9
5/64
HX 52
16
1.3
1.8
3/32
HX 62
28
2.3
3.2
7/64
HX 72
44
3.6
5
1/8
HX 82
65
5.4
7.3
9/64
HX 92
95
7.9
11
5/32
HX 102
128
11
14
3/16
HX 122
222
18
25
7/32
HX 142
350
29
40
1/4
HX 162
420
35
48
12 Point Box U.S. Standard “A”
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb. Nm
7/32
LB 72
50
4.0
5.6
1/4
LB 82
67
5.6
7.6
5/16
LB 102
138
12
7.6
3/8
LB 122
275
23
31
7/16
LB 142
410
34
46
1/2
LB 162
420
35
48
9/16
LB 182
420
35
48
5/8
LB 202
420
35
48
11/16
LB 222
420
35
48
3/4
LB 242
420
35
48
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb.
Nm
3/8
LF 122
130
11
15
7/16
LF 142
140
12
16
1/2
LF 162
200
17
23
9/16
LF 182
275
23
31
5/8
LF 202
325
27
37
11/16
LF 222
396
33
45
3/4
LF 242
420
35
48
12 Point Flare Nut
U.S. Standard
“A”
LF 242
Plain Square Drive
“A”
Drive Size (in.)
Part No.
1/4
PS 82
3/8
PS 122
Open End U.S. Standard “A”
Maximum
Opening
Torque Load
Size
Part No.
in.-lb. ft.-lb.
Nm
1/8
OP 42
20
1.7
2.3
5/32
OP 52
35
2.9
4.0
3/16
OP 62
45
3.8
5.1
7/32
OP 72
50
4.2
5.6
1/4
OP 82
67
5.6
7.6
5/16
OP 102
138
12
16
11/32
OP 112
193
16
22
3/8
OP 122
275
23
31
7/16
OP 142
410
34
46
1/2
OP 162
420
35
48
9/16
OP 182
420
35
48
5/8
OP 202
420
35
48
11/16
OP 222
420
35
48
3/4
OP 242
420
35
48
Refer to page 4 for
description of Rapid Select.
Female Square Male Square
Part No.
Drive (in.)
Drive (in.)
EX-372
1/4
3/8
EX-254
3/8
1/4
EX-503
3/8
1/2
Bit Holders
SAE Size Sockets
Part
Square
Hex
No.
Dr. (in.)
Opening (in.)
1108
1/4
1/4
1110
1/4
5/16
1112
1/4
3/8
1114
1/4
7/16
3108
3/8
1/4
3110
3/8
5/16
3112
3/8
3/8
3114
3/8
7/16
3116
3/8
1/2
3118
3/8
9/16
3120
3/8
5/8
Metric Size Sockets
Part
Square
Hex
No.
Dr. (in.)
Opening(mm)
6mm11
1/4
6mm
7mm11
1/4
7mm
8mm11
1/4
8mm
10mm11
1/4
10mm
10mm13
3/8
10mm
11mm13
3/8
11mm
12mm13
3/8
12mm
13mm13
3/8
13mm
14mm13
3/8
14mm
15mm13
3/8
15mm
16mm13
3/8
16mm
Square
Female
Part No.
Drive (in.) Hex (in.)
825
1/4
1/4
M-825
1/4
1/4 Magnetic
838
3/8
1/4
M-838
3/8
1/4 Magnetic
Adapters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com