Electronic Components Datasheet Search
  English  ▼

X  

PTB32001X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PTB32001X
Description  NPN microwave power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTB32001X Datasheet(HTML) 4 Page - NXP Semiconductors

  PTB32001X Datasheet HTML 1Page - NXP Semiconductors PTB32001X Datasheet HTML 2Page - NXP Semiconductors PTB32001X Datasheet HTML 3Page - NXP Semiconductors PTB32001X Datasheet HTML 4Page - NXP Semiconductors PTB32001X Datasheet HTML 5Page - NXP Semiconductors PTB32001X Datasheet HTML 6Page - NXP Semiconductors PTB32001X Datasheet HTML 7Page - NXP Semiconductors PTB32001X Datasheet HTML 8Page - NXP Semiconductors PTB32001X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Feb 18
4
Philips Semiconductors
Product specification
NPN microwave power transistors
PTB32001X; PTB32003X;
PTB32005X
Fig.4
Power derating curve; PTB32005X.
f > 1 MHz.
handbook, halfpage
−50
200
10
0
MLC093
5
0
50
100
150
Ptot
(W)
Tmb (
oC)
THERMAL CHARACTERISTICS
Note
1. See
“Mounting recommendations in the General part of handbook SC19a”.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Rth j-mb
thermal resistance from junction to mounting base
Tj =75 °C
PTB32001X
22
K/W
PTB32003X
12
K/W
PTB32005X
10.5
K/W
Rth mb-h
thermal resistance from mounting base to heatsink
Tj =75 °C; note 1
0.7
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com