Electronic Components Datasheet Search
  English  ▼

X  

PTB32001X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PTB32001X
Description  NPN microwave power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PTB32001X Datasheet(HTML) 2 Page - NXP Semiconductors

  PTB32001X Datasheet HTML 1Page - NXP Semiconductors PTB32001X Datasheet HTML 2Page - NXP Semiconductors PTB32001X Datasheet HTML 3Page - NXP Semiconductors PTB32001X Datasheet HTML 4Page - NXP Semiconductors PTB32001X Datasheet HTML 5Page - NXP Semiconductors PTB32001X Datasheet HTML 6Page - NXP Semiconductors PTB32001X Datasheet HTML 7Page - NXP Semiconductors PTB32001X Datasheet HTML 8Page - NXP Semiconductors PTB32001X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Feb 18
2
Philips Semiconductors
Product specification
NPN microwave power transistors
PTB32001X; PTB32003X;
PTB32005X
FEATURES
• Diffused emitter ballasting resistors providing excellent
current sharing and withstanding a high VSWR
• Interdigitated structure provides high emitter efficiency
• Multicell geometry gives good balance of dissipated
power and low thermal resistance
• Localized thick oxide auto-alignment process and gold
sandwich metallization ensure an optimum temperature
profile and excellent performance and reliability.
APPLICATIONS
Common-base, class B power amplifiers up to 4.2 GHz.
DESCRIPTION
NPN silicon planar epitaxial microwave power transistor in
a metal ceramic SOT440A flange package with base
connected to the flange.
PINNING - SOT440A
PIN
DESCRIPTION
1
collector
2
emitter
3
base connected to flange
Fig.1 Simplified outline and symbol.
olumns
e
c
b
MAM131
3
1
2
Top view
MARKING
TYPE NUMBER
MARKING CODE
PTB32001X
3201X
PTB32003X
3203X
PTB32005X
3205X
QUICK REFERENCE DATA
Microwave performance up to Tmb =25 °C in a common-base class B circuit.
TYPE NUMBER
MODE OF
OPERATION
f
(GHz)
VCC
(V)
PL
(W)
Gpo
(dB)
ηC
(%)
Zi
(
Ω)
ZL
(
Ω)
PTB32001X
CW
3
24
≥1.3
≥8
≥35
15 + j31
5.5 + j10
PTB32003X
CW
3
24
≥2.5
≥8
≥35
5.5 + j29
5
− j2.2
PTB32005X
CW
3
24
≥4.5
≥8
≥35
2.8 + j20
4
− j7
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO slab is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com