Electronic Components Datasheet Search
  English  ▼

X  

EK22GL Datasheet(PDF) 4 Page - Greenlee Communications

Part # EK22GL
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

EK22GL Datasheet(HTML) 4 Page - Greenlee Communications

  EK22GL Datasheet HTML 1Page - Greenlee Communications EK22GL Datasheet HTML 2Page - Greenlee Communications EK22GL Datasheet HTML 3Page - Greenlee Communications EK22GL Datasheet HTML 4Page - Greenlee Communications EK22GL Datasheet HTML 5Page - Greenlee Communications EK22GL Datasheet HTML 6Page - Greenlee Communications EK22GL Datasheet HTML 7Page - Greenlee Communications EK22GL Datasheet HTML 8Page - Greenlee Communications EK22GL Datasheet HTML 9Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
144
CAT. NO.
UPC NO.
DESCRIPTION
RCCX
07067
Remote-powered hydraulic CCX tool
Crimping dies on page 170.
SPECIFICATIONS
Crimping Force
12,000 lb. (53 kN)
Length
11-7/8" (302 mm)
Weight
5.2 lbs. (2.4 kg)
Hydraulic Couplers
3/8" Male screw-type
Max. Operating Pressures 10,000 psi (700 bar)
CAT. NO.
UPC NO.
DESCRIPTION
HCCX
07066
Hand-hydraulic CCX tool
Crimping dies on page 170.
SPECIFICATIONS
Crimping Force
12,000 lb. (53 kN)
Length
20-3/4" (527 mm)
Weight
8 lbs. (3.6 kg)
CAT. NO.
UPC NO.
DESCRIPTION
CCCX11
01394
Corded CCX Tool, 120 V
CCCX22
01395
Corded CCX Tool, 230 V
Crimping dies on page 170.
SPECIFICATIONS
Crimping Force 12,000 lb. (53 kN)
Height
12-1/8" (308 mm)
Length
14-3/4" (375 mm)
Weight 10.5 lbs. (4.8 kg)
Operating Voltage 120 volts, 60 cycle AC (CCCX11); 230 volts, 60 cycle AC (CCCX22)
Gator-Pro™ CCCX Corded Tools
• Operates directly from 120 volt or 230 volt 50 Hz electrical outlets. No
need to charge batteries or worry about running out of power.
• Equipped with 15 foot (5 m) cord. Can be used with extension cords.
• 360° rotating head adjusts to your work position.
• Lightweight, plus ergonomic-angled handle for comfortable, low-stress use.
• Cycles in seconds with two-speed hydraulic pump, maximizing productivity.
• Automatic retraction when crimping and cutting cycles are complete.
• Uses all optional CCX blades and adapters (see page 145).
• Includes a high-impact molded carrying case.
• U.S. Patent #6,206,663 and Patent Pending.
HCCX Hand-Powered Hydraulic Tool
• 360° rotating head – comfortable to use at any jobsite.
• Lightweight, compact size makes it easy to carry and easy to use.
• Two-speed hydraulic pump for short cycle time.
• Automatic retraction when crimping and cutting cycles are complete.
• Includes a steel carrying case with spaces for blades and adapters.
• Uses all optional CCX blades and adapters (see page 145).
• U.S. Patent #6,206,663 and Patent Pending.
RCCX Remote-Powered Hydraulic Tool
• Operates with standard, 10,000 psi (700 bar) hydraulic pumps.
• 3/8" male screw-type coupler, operating pressure 10,000 psi.
• Includes a steel carrying case with spaces for blades and adapters.
• Uses all optional CCX blades and adapters (see page 145).
• Patent Pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com