Electronic Components Datasheet Search
  English  ▼

X  

EK22GL Datasheet(PDF) 7 Page - Greenlee Communications

Part # EK22GL
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

EK22GL Datasheet(HTML) 7 Page - Greenlee Communications

Back Button EK22GL Datasheet HTML 3Page - Greenlee Communications EK22GL Datasheet HTML 4Page - Greenlee Communications EK22GL Datasheet HTML 5Page - Greenlee Communications EK22GL Datasheet HTML 6Page - Greenlee Communications EK22GL Datasheet HTML 7Page - Greenlee Communications EK22GL Datasheet HTML 8Page - Greenlee Communications EK22GL Datasheet HTML 9Page - Greenlee Communications EK22GL Datasheet HTML 10Page - Greenlee Communications EK22GL Datasheet HTML 11Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
CAT. NO.
UPC NO.
DESCRIPTION
ESG50GL11
03554
Battery-Powered Cable Cutter, 120 V Charger
ESG50GL12
03555
Battery-Powered Cable Cutter, 12 V Charger
ESG50GL22
03556
Battery-Powered Cable Cutter, 230 V Charger
SPECIFICATIONS
Cutting Capacity
2" (50 mm) diameter Al or Cu cable
Length
15-3/4" (400 mm)
Weight
10 lbs. (4.5 kg)
Height
14-1/4" (362 mm)
Battery
12 Volt 2.0 Ah NiCd
Battery charge time
1 hour
CAT. NO.
UPC NO.
DESCRIPTION
ES750-11
45380
Battery-Powered Cable Cutter, 120 V Charger
ES750-22
45381
Battery-Powered Cable Cutter, 230 V Charger
45378
45378
Extra 12 Volt Battery
SPECIFICATIONS
Cutting Capacity
750 kcmil (MCM) (400 mm2) copper cable,
1000 kcmil (MCM) (500 mm2) aluminum cable
Length
14-1/4" (362 mm)
Weight
5.8 lbs. (2.6 kg)
Battery
12 Volts NiCd
Gator™ ES750 Battery-Powered Cable Cutter
• Cuts 500 kcmil (MCM) copper cable in under 8 seconds.
• Compact design permits use in tight locations.
• Extra heavy blades for clean cuts and long life.
• Makes approximately 20 cuts in 750 kcmil (MCM) per battery charge.
• Easy to switch between forward and reverse direction.
• 12 volt battery recharges in one hour.
• Includes battery charger, one battery and molded carrying case.
• Choice of a 120 volt or 230 volt battery charger.
Gator-Plus™ Battery-Powered Cable Cutters
• Ram automatically retracts after the cut is complete. No need to push a
retract lever. Tool is automatically ready to perform the next cut.
• Two-speed pump advances the ram quickly to start the cut.
• Cutting blades are specially hardened and precision ground to hold their
sharpness.
• Lightweight and easy to use.
• Cutting head rotates 360° for making cuts in tight locations, and flips open
to make mid-span cuts easy.
• Includes one-hour battery charger, steel carrying case and two batteries.
• Choice of a 120 volt, 230 volt, or 12 volt battery charger.
• U.S. Patent #6,206,663.
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com