Electronic Components Datasheet Search
  English  ▼

X  

FDN5630 Datasheet(PDF) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN5630
Description  N-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN5630 Datasheet(HTML) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN5630 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
1
2
3 0
4
5
0
255075
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Case
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)
Rev:2023A2
5
N-Channel 60-V (D-S) MOSFET
FDN5630



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com