Electronic Components Datasheet Search
  English  ▼

X  

FDN5630 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN5630
Description  N-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN5630 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN5630 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED FDN5630 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel 60-V (D-S) MOSFET
APPLICATIONS
•
Battery Switch
•
DC/DC Converter
PRODUCT SUMMARY
VDS (V)
RDS(on) (mΩ)
ID (A)
a
Qg (Typ.)
60
85 at V
GS = 10 V
4.0
2.
1 nC
96 at V
GS = 4.5 V
3.8
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 1
20 °C/W.
ABSOLUTE MAXIMUM RATINGS
TA = 25 °C, unle
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.0
A
TC = 70 °C
3.4
TA = 25 °C
3.
1b, c
TA = 70 °C
2.5b, c
Pulsed Drain Current
IDM
12
Continuous Source-Drain Diode Current
TC = 25 °C
IS
1.39
TA = 25 °C
0.91b, c
Avalanche Current
L = 0.1 mH
IAS
6
Single-Pulse Avalanche Energy
EAS
1.8
mJ
Maximum Power Dissipation
TC = 25 °C
PD
1.66
W
TC = 70 °C
1.06
TA = 25 °C
1.09b, c
TA = 70 °C
0.7b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
≤ 5 s
RthJA
90
115
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
60
75
S
N-Channel MOSFET
G
D
FDN5630
Rev:2023A2
1
SOT–23
1. GATE
2. SOURCE
3. DRAIN


Similar Part No. - FDN5630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
60V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN5630 KEXIN-FDN5630 Datasheet
107Kb / 2P
N-Channel PowerTrench MOSFET
FDN5630 KEXIN-FDN5630 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
ON Semiconductor
FDN5630 ONSEMI-FDN5630 Datasheet
231Kb / 7P
60V N-Channel PowerTrench® MOSFET
October 2015 Rev. 3.3
logo
Guangdong Kexin Industr...
FDN5630-3 KEXIN-FDN5630-3 Datasheet
973Kb / 4P
N-Channel MOSFET
More results

Similar Description - FDN5630

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com