Electronic Components Datasheet Search
  English  ▼

X  

SE003 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # SE003
Description  Thermocouples
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE003 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  SE003 Datasheet HTML 1Page - Pico Technology Ltd. SE003 Datasheet HTML 2Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Thermocouples
Thermocouples are an accurate yet inexpensive sensor for measuring temperatures. The Pico range of
Type K thermocouples are ideal for industrial and educational use.
Thermocouple Quick Select 
 
Type K Thermocouple (Exposed Wire, PTFE Insulated)
•
Tip diameter: 1.5 mm
•
Tip temperature: -75 to +250 °C
Cat No
Length
SE000
1 metre
SE027
2 metres
SE028
3 metres
SE029
10 metres
Type K Thermocouple (Exposed Wire, Fibreglass Insulated)
 
•
Tip diameter: 1.5 mm
•
Tip temperature: -60 to +350 °C


Similar Part No. - SE003

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
SE003 PICO-SE003 Datasheet
9Mb / 11P
Cloud-connected 8-channel thermocouple data logger
More results

Similar Description - SE003

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
THERMOCOUPLES
December 1968
logo
RHOPOINT COMPONENTS
20100-1 RHOPOINT-20100-1 Datasheet
111Kb / 1P
Butt bonded thermocouples
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
?쏶tikonTM??thermocouples
logo
National Instruments Co...
USB-9211A NI-USB-9211A Datasheet
97Kb / 2P
Portable USB-Based DAQ for Thermocouples
logo
MORNSUN Science& Techno...
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
logo
PHOENIX CONTACT
2902055 PHOENIX-2902055 Datasheet
461Kb / 19P
Temperature transducers for thermocouples
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
List of Unclassifed Man...
5SRTC ETC-5SRTC Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com