Electronic Components Datasheet Search
  English  ▼

X  

SE003 Datasheet(PDF) 2 Page - Pico Technology Ltd.

Part # SE003
Description  Thermocouples
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE003 Datasheet(HTML) 2 Page - Pico Technology Ltd.

  SE003 Datasheet HTML 1Page - Pico Technology Ltd. SE003 Datasheet HTML 2Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
Cat No
Length
SE001
1 metre
SE030
2 metres
SE031
5 metres
SE002: Type K Thermocouple (Air Probe)
•
Tip diameter: 4.5 mm
•
Tip temperature: -50 to +250 °C
•
Probe length: 120 mm
SE003: Type K Thermocouple (Insertion Probe)
•
Tip diameter: 3.33 mm
•
Tip temperature: -50 to +250 °C
•
Probe length: 120 mm
SE004: Type K Thermocouple (Ribbon Surface Probe)
•
Tip diameter: 8 mm
•
Tip temperature: -10 to +250 °C
•
Probe length: 120 mm 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com