Electronic Components Datasheet Search
  English  ▼

X  

K8060 Datasheet(PDF) 13 Page - Velleman Group nv All rights reserved

Part # K8060
Description  200W DISCRETE POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VELLEMAN [Velleman Group nv All rights reserved]
Direct Link  https://www.velleman.eu/
Logo VELLEMAN - Velleman Group nv All rights reserved

K8060 Datasheet(HTML) 13 Page - Velleman Group nv All rights reserved

Back Button K8060 Datasheet HTML 9Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 10Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 11Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 12Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 13Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 14Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 15Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 16Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 17Page - Velleman Group nv All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
• Solder the connections of the power transistors with the pin headers, see fig. 10.
Fig. 10
Power transistors
13
• Solder the connections of the power transistors with the pin headers, see fig. 10.
Fig. 10
Power transistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com