Electronic Components Datasheet Search
  English  ▼

X  

K8060 Datasheet(PDF) 2 Page - Velleman Group nv All rights reserved

Part # K8060
Description  200W DISCRETE POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VELLEMAN [Velleman Group nv All rights reserved]
Direct Link  https://www.velleman.eu/
Logo VELLEMAN - Velleman Group nv All rights reserved

K8060 Datasheet(HTML) 2 Page - Velleman Group nv All rights reserved

  K8060 Datasheet HTML 1Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 2Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 3Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 4Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 5Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 6Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 7Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 8Page - Velleman Group nv All rights reserved K8060 Datasheet HTML 9Page - Velleman Group nv All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Specifications:
Excellent value for money
Full discrete design using Epitaxial Darlington transistors
DC supply circuit on board with LED indication
Ideal for active speaker system or sub woofer, guitar amp, home theatre systems, instruments amp….
Comes complete with transistor isolators, spacers and bolts
Overload and short circuit protection
Features:
200W music power @ 4 ohm load
100Wrms power @ 4 ohm load
70Wrms power @ 8 ohm load
Distortion: 0.02% @ 1KHz/10W
Damping factor: >800
Frequency response: 3Hz to 200KHz (-3dB)
Sensitivity: 0.6Vrms
Signal to noise ratio: 115dB
Power supply: 2 x 25-30Vac / 100 - 120VA
PCB dimensions: 107x62mm (aprx.) :
Recommended power transformer: 12030
Recommended heat-sink: HSVM100 (pre-drilled) or S44/75 (not drilled)
Features & Specifications
2
Specifications:
Excellent value for money
Full discrete design using Epitaxial Darlington transistors
DC supply circuit on board with LED indication
Ideal for active speaker system or sub woofer, guitar amp, home theatre systems, instruments amp….
Comes complete with transistor isolators, spacers and bolts
Overload and short circuit protection
Features:
200W music power @ 4 ohm load
100Wrms power @ 4 ohm load
70Wrms power @ 8 ohm load
Distortion: 0.02% @ 1KHz/10W
Damping factor: >800
Frequency response: 3Hz to 200KHz (-3dB)
Sensitivity: 0.6Vrms
Signal to noise ratio: 115dB
Power supply: 2 x 25-30Vac / 100 - 120VA
PCB dimensions: 107x62mm (aprx.) :
Recommended power transformer: 12030
Recommended heat-sink: HSVM100 (pre-drilled) or S44/75 (not drilled)
Features & Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com