Electronic Components Datasheet Search
  English  ▼

X  

33888 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33888
Description  Quad High-Side and Octal Low-Side Switch for Automotive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33888 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33888 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Document Number: MC33888
Rev. 6.0, 2/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Quad High-Side and Octal
Low-Side Switch for Automotive
The 33888 is a single-package combination of a power die with four
discrete high-side MOSFETs (two 10 m
Ω and two 40 mΩ) and an
integrated IC control die consisting of eight low-side drivers (600 m
Ω
each) with appropriate control, protection, and diagnostic features.
Programming, control, and diagnostics are accomplished using a
16-bit SPI interface. Additionally, each high-side output has its own
parallel input for pulse-width modulation (PWM) control if desired. The
low sides share a single configurable direct input.
Features
•Dual 10 m
Ω High Side, Dual 40 mΩ High Side, Octal 600 mΩ
Low Side
• Full Operating Voltage of 6.0 V to 27 V
• SPI Control of High-Side Overcurrent Limit, High-Side Current
Sense, Output OFF Open Load Detection, Output ON/OFF
Control, Watchdog Timeout
• SPI Reporting of Program Status and Fault
• High-Side Analog Current Feedback with Selectable Ratio
• Enhanced 16 V Reverse Polarity VPWR Protection
Figure 1. 33888 Simplified Application Diagram
HIGH-SIDE/LOW-SIDE SWITCH
PNB SUFFIX
98ARL10544D
36-PIN PQFN
33888
33888A
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33888APNB/R2
-40°C to 125°C
36 PQFN
MC33888FB/R2
64 PQFP
FB SUFFIX
98ARH99043A
64-PIN PQFP
Bottom View
Top View
+5.0 V
+5.0 V
FSI
FS
MCU
A/D
A/D
CSNS0-1
CSNS2-3
WDIN
SPI
IHS0:IHS3
ILS
RST
VDD
4
4
GND
VPWR
LS4:LS11
HS3
HS2
HS1
HS0
Loads
8 x Relay or LED
33888
VPWR


Similar Part No. - 33888

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33888 MOTOROLA-33888 Datasheet
667Kb / 32P
Quad High-Side and Octal Low-Side Switch for Automotive
33888A MOTOROLA-33888A Datasheet
667Kb / 32P
Quad High-Side and Octal Low-Side Switch for Automotive
More results

Similar Description - 33888

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
Smart Octal Low-Side Switch
V1.1 Oct. 2003
logo
Motorola, Inc
MC33888 MOTOROLA-MC33888 Datasheet
667Kb / 32P
Quad High-Side and Octal Low-Side Switch for Automotive
MC33888FB MOTOROLA-MC33888FB Datasheet
711Kb / 18P
Quad High Side and Octal Low Side Switch for Automotive
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
Quad High Side Switch
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
logo
Freescale Semiconductor...
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
Quad High Side Switch
logo
Motorola, Inc
MC33293A MOTOROLA-MC33293A Datasheet
239Kb / 16P
QUAD LOW SIDE SWITCH
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
Automotive octal low side driver or quad low side plus quad high side driver
18-Apr-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com