Electronic Components Datasheet Search
  English  ▼

X  

33888 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33888
Description  Quad High-Side and Octal Low-Side Switch for Automotive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33888 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33888 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33888 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33888
DEVICE VARIATIONS
DEVICE VARIATIONS
Table 1. Features Comparison: 33888 and 33888A
Parameter
Symbol
Condition
33888
33888A
For details,
see page
Undervoltage Low-Side Output Shutdown
VPWRUV
–
5.0 V
3.0 V
10
Low-Side Drain-to-Source ON Resistance
RDS(ON)
VPWR = 4.5 V;
VDD = 3.5 V
Not specified
8.0
Ω
13
Recommended Frequency of SPI Operation
fSPI
Extended Mode,
VDD = 3.4 V
Not specified
2.1 MHz
(max)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com