Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 18Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 19Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 20Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 21Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 22Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 23Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 24Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33984
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 10. Multiple 8-Bit Word SPI Communication
SERIAL INPUT COMMUNICATION
SPI communication is accomplished using 8-bit
messages. A message is transmitted by the MCU starting
with the MSB, D7, and ending with the LSB, D0 (Table 8).
Each incoming command message on the SI pin can be
interpreted using the following bit assignments: the MSB (D7)
is the watchdog bit and in some cases a register address bit
common to both outputs or specific to an output; the next
three bits, D6:D4, are used to select the command register;
and the remaining four bits, D3:D0, are used to configure and
control the outputs and their protection features.
Multiple messages can be transmitted in succession to
accommodate those applications where daisy chaining is
desirable, or to confirm transmitted data, as long as the
messages are all multiples of eight bits. Any attempt made to
latch in a message that is not eight bits will be ignored.
The 33984 has defined registers, which are used to
configure the device and to control the state of the output.
Table 9, summarizes the SI registers. The registers are
addressed via D6:D4 of the incoming SPI word (Table 8).
CS B
SI
SC L K
D7
D1 *
D2 *
D5 *
D6 *
D7 *
D0
D1
D6
D5
D2
D0 *
OD 5
OD 6
OD 7
D6
D7
OD 0
OD 1
OD 2
D1
D2
D5
F I G URE
4 b .
M U L T I P L E
8 b i t W O RD
S P I C O M M UNI CA T I O N
NO T E S :
D0
SO
1.
R S T B
i s
i n
a
l o gi c
1
s t at e
d u r i ng
t h e
a b o v e
op er at i o n.
2 .
D 0 , D 1 , D 2 , . . ., a n d
D 7
r e l a t e
t o
t h e
m o s t r e c e n t o r d e r e d
e n tr y o f d a ta
i n to
th e
S P S S
3.
O D 0, O D 1, O D 2, . . . , an d
O D 7
r e l a t e
t o
t h e
f i r s t 8
b i t s
o f o r de r e d
f a u l t a n d
s t a t u s
da t a
ou t o f t h e
de v i c e .
4.
O D 0, O D 1, O D 2, . . . , a n d
O D 7
r e pr e s en t t h e
f i r s t 8
bi t s
o f o r de r e d
f a u l t a n d
s t a t u s
da t a
ou t o f t h e
S P S S
SCLK
SI
SO
RST
CS
1. RST is a Logic [1] state during the above operation.
2. D7:D0 relate to the most recent ordered entry of data into the device.
4. OD7:OD0 relate to the first 8 bits of ordered fault and status data out of the device.
Notes
3. D7*:D0* relate to the previous 8 bits (last command word) of data that was previously shifted into the device.
Table 8. SI Message Bit Assignment
Bit Sig SI Msg Bit
Message Bit Description
MSB
D7
Register address bit for output selection.
Also used for Watchdog: toggled to satisfy
watchdog requirements.
D6:D4
Register address bits.
D3:D1
Used to configure the inputs, outputs, and
the device protection features and SO status
content.
LSB
D0
Used to configure the inputs, outputs, and
the device protection features and SO status
content.
Table 9. Serial Input Address and Configuration Bit Map
SI
Register
Serial Input Data
D7 D6 D5 D4
D3
D2
D1
D0
STATR
s
0
0
0
0
SOA2
SOA1
SOA0
OCR
x
0
0
1
CSNS1
EN
IN1_SPI CSNS0
EN
IN0_SPI
SOCHLR
s
0
1
0
SOCHs
SOCL2s SOCL1s SOCL0s
CDTOLR
s
0
1
1
OL_DIS
s
CD_DIS
s
OCLT1s OCLT0s
DICR
s
1
0
0
FAST
SR s
CSNS
high s
IN DIS s
A/Os
OSDR
0
1
0
1
0
OSD2
OSD1
OSD0
WDR
1
1
0
1
0
0
WD1
WD0
NAR
0
1
1
0
0
0
0
0
UOVR
1
1
1
0
0
0
UV_dis
OV_dis
TEST
x
1
1
1
Freescale Internal Use (Test)
x = Don’t care.
s (SOA3 bit) = Selection of output: Logic [0] = HS0, Logic [1] =
HS1.
Table 8. SI Message Bit Assignment(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com