Electronic Components Datasheet Search
  English  ▼

X  

33984B Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33984B
Description  Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 16Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 17Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 18Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 19Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 20Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 21Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 22Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 23Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33984
FUNCTIONAL DEVICE OPERATION
GROUND DISCONNECT PROTECTION
In the event the 33984 ground is disconnected from load
ground, the device protects itself and safely turns OFF the
output regardless the state of the output at the time of
disconnection. A 10K resistor needs to be added between the
wake pin and the rest of the circuitry in order to ensure that
the device turns off in case of ground disconnect and to
prevent this pin to exceed its maximum ratings
.
Table 7. Device Behavior in Case of Undervoltage
SPD4
(VPWR Batter Voltage)
∗∗
State
UV Enable
IN=0
(Falling VPWR)
UV Enable
IN=0
(Rising VPWR)
UV Enable
IN=1
(Falling VPWR)
UV Enable
IN=1
(Rising VPWR)
UV Disable
IN=X
(Falling or
Rising
VPWR)
VPWR > VPWRUV
Output State
OFF
OFF
ON
OFF
OFF
FS State
1
1
1
0
1
SPI Fault Register UVF Bit
0
1 until next read
0
1
0
VPWRUV > VPWR > UVPOR Output State
OFF
OFF
OFF
OFF
OFF
FS State
0
0
0
0
1
SPI Fault Register UVF Bit
1
1 until next read
1
1
0
UVPOR > VPWR > 2.5 V
∗
Output State
OFF
OFF
OFF
OFF
OFF
FS State
1
1
1
1
1
SPI Fault Register UVF Bit 1 until next read 1 until next read 1 until next read 1 until next read
0
2.5 V > VPWR > 0V
Output State
OFF
OFF
OFF
OFF
OFF
FS State
1
1
1
1
1
SPI Fault Register UVF Bit 1 until next read 1 until next read 1 until next read 1 until next read
0
Comments
UV fault is
not latched
UV fault is
not latched
UV fault
is latched
∗ = Typical value; not guaranteed
∗∗ = While VDD remains within specified range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com