Electronic Components Datasheet Search
  English  ▼

X  

34710 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34710
Description  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34710 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34710 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34710
MAXIMUM RATINGS
MAXIMUM RATINGS
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Max
Unit
ELECTRICAL RATINGS
Input Power Supply Voltage
IB+ = 0.0 A
VB+
-0.3 to 36
V
Terminal Soldering Temperature (1)
TSOLDER
260
°C
Power Dissipation (2)
PD
3.0
W
ESD Standoff Voltage
Non-Operating, Unbiased, Human Body Model (3)
VESD1
±2000
V
Thermal Resistance
Junction-to-Ambient (4)
Junction-to-Ambient (2)
Junction-to-Exposed-Pad
RθJA
RθJA
RθJC
45
25
2.0
°
C/W
THERMAL RATINGS
Operating Ambient Temperature
TA
0 to 85
°C
Operating Junction Temperature
TJ
0 to 105
°C
Input Power Supply Voltage
IB+ = 0.0 A to 3.0 A
VB+
13 to 32
V
Quiescent Bias Current from B+ (5)
VB+ = 13 V to 32 V
IB+(Q)
7.5
mA
VI/O SWITCHING REGULATOR (6)
Maximum Output Voltage Startup Overshoot (COUT = 330 µF)
Mode0 = 0
Mode0 = Open
VI/O(STARTUP)
5.4
3.6
V
Maximum Output Current
TA = 0°C to 105°C
IVI/O
700
mA
Notes
1. Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
2. With 2.0 in2 of copper heatsink.
3. ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
4. With no additional heatsinking.
5. Maximum quiescent power dissipation is 0.25 W.
6. 13 V ≤ VB+ ≤ 32 V and -20°C ≤ TJ ≤ 145°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com