Electronic Components Datasheet Search
  English  ▼

X  

34710 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 34710
Description  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34710 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 34710 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34710 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34710
FUNCTIONAL DESCRIPTION
FUNCTIONAL TERMINAL DESCRIPTION
SUPERVISORY FUNCTIONS
Supervisory Circuitry
The supervisory circuitry provides control of the RST line,
an open drain signal, based on system operating conditions
monitored by the 34710. VI/O, VCORE, VB+, and thermal
shutdown (TSD) detectors in various parts of the chip are
monitored for error conditions. VI/O, VCORE, VB+, and thermal
shutdown have both positive- and negative-going thresholds
for triggering the reset function.
The supervisor circuitry also ensures that the regulator
outputs follow a predetermined power-up and power-down
sequence. Specifically, the sequencing ensures that VI/O is
never less than 0.9 V below VCORE. This means that VCORE -
VI/O will be clamped at 0.5 V, and that the VCORE regulator
operation will be suppressed during startup and shutdown to
ensure that VCORE - VI/O = 0.9 V.
VB Charge Pump
The high-side MOSFET in the switching regulator (buck
converter) requires a gate drive supply voltage that is biased
higher than the B+ voltage, and this boosted voltage is
provided by the internal charge pump and stored in a
capacitor between the VB pin and the B+ pin. The charge
pump operates directly from the B+ supply, and uses an
internal oscillator operating at 200 kHz.
Internal Oscillator
The internal oscillator provides a 200 kHz square wave
signal for charge pump operation and for the buck converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com