Electronic Components Datasheet Search
  English  ▼

X  

IRF7311 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7311
Description  30V 2N-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRF7311 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRF7311 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7311 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7311 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7311 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7311 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRF7311 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
V
△
BVDSS/△TJ
BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
0.023
V/℃
RDS(ON)
Static Drain-Source On-Resistance2 VGS=10V , ID=15A
13
mΩ
VGS=4.5V , ID=10A
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.0
2.5
V
△
VGS(th)
VGS(th) Temperature Coefficient
-5.08
mV/℃
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
1
uA
VDS=24V , VGS=0V , TJ=55℃
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=15A
32
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
1.7
Ω
Qg
Total Gate Charge (4.5V)
VDS=15V , VGS=4.5V , ID=12A
5.3
nC
Qgs
Gate-Source Charge
0.78
Qgd
Gate-Drain Charge
2.2
Td(on)
Turn-On Delay Time
VDD=15V , VGS=10V , RG=1.5
ID=20A
6.4
ns
Tr
Rise Time
39
Td(off)
Turn-Off Delay Time
21
Tf
Fall Time
4.7
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
580
pF
Coss
Output Capacitance
97
Crss
Reverse Transfer Capacitance
39
IS
Continuous Source Current1,5
VG=VD=0V , Force Current
37
A
ISM
Pulsed Source Current2,5
75
A
VSD
Diode Forward Voltage2
VGS=0V , IS=1A , TJ=25℃
1
V
Note :
1 .The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3 .The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=22A
4.The power dissipation is limited by 175℃ junction temperature
5 .The data is theoretically the same as ID and IDM , in real applications , should be limited by total power
dissipation.
18
Page 2 of 6
Rev:2023A2
30V 2N-Channel Enhancement Mode MOSFET
IRF7311



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com